Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP7157ARDZ-01-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # ADP7157ARDZ-01-R7
Description  High PSRR, RF Linear Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP7157ARDZ-01-R7 Datasheet(HTML) 5 Page - Analog Devices

  ADP7157ARDZ-01-R7 Datasheet HTML 1Page - Analog Devices ADP7157ARDZ-01-R7 Datasheet HTML 2Page - Analog Devices ADP7157ARDZ-01-R7 Datasheet HTML 3Page - Analog Devices ADP7157ARDZ-01-R7 Datasheet HTML 4Page - Analog Devices ADP7157ARDZ-01-R7 Datasheet HTML 5Page - Analog Devices ADP7157ARDZ-01-R7 Datasheet HTML 6Page - Analog Devices ADP7157ARDZ-01-R7 Datasheet HTML 7Page - Analog Devices ADP7157ARDZ-01-R7 Datasheet HTML 8Page - Analog Devices ADP7157ARDZ-01-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
ADP7157
Data Sheet
Rev. A | Page 4 of 23
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
UNDERVOLTAGE THRESHOLDS
Input Voltage
Rising
UVLO
RISE
2.22
2.29
V
Falling
UVLO
FALL
1.95
2.02
V
Hysteresis
UVLO
HYS
200
mV
V
REG THRESHOLDS
8
Rising
VREGUVLO
RISE
1.94
V
Falling
VREGUVLO
FALL
1.60
V
Hysteresis
VREGUVLO
HYS
185
mV
EN INPUT PRECISION
2.3 V ≤ V
IN ≤ 5.5 V
EN Input
Logic High
EN
HIGH
1.13
1.22
1.31
V
Logic Low
EN
LOW
1.05
1.13
1.22
V
Logic Hysteresis
EN
HYS
90
mV
LEAKAGE CURRENT
REF_SENSE
I
REF_SENSE_LKG
10
nA
EN
I
EN_LKG
EN = V
IN or ground
0.01
1
µA
1 V
OUT_MAX is the maximum output voltage of each version of the ADP7157.
2 Guaranteed by characterization, but not production tested.
3 This output voltage specification is for ADP7157-04 version. Table 10 provides a guide for selecting one of the four versions of the ADP7157 based on voltage range.
4 This specification is based on an endpoint calculation using 10 mA and 1.2 A loads.
5 Current-limit threshold is the current at which the output voltage drops to 90% of the specified typical value. For example, the current limit for a 3.0 V output voltage
is the current that causes the output voltage to drop to 90% of 3.0 V or 2.7 V.
6 Dropout voltage is the input to output voltage differential when the input voltage is set to the nominal output voltage. Dropout applies only for output voltages
above 2.3 V.
7 Start-up time is the time from the rising edge of V
EN to VOUT, VREG, or VREF being at 90% of its nominal value.
8 The output voltage is disabled until the V
REG UVLO rise threshold is crossed. The VREG output is disabled until the input voltage UVLO rising threshold is crossed.
Table 3. Input and Output Capacitors, Recommended Specifications
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
MINIMUM CAPACITANCE
T
A = −40°C to +125°C
Input1
C
IN
10.0
µF
Regulator1
C
REG
1.0
µF
Output1
C
OUT
10.0
µF
Bypass
C
BYP
1.0
µF
Reference
C
REF
1.0
µF
CAPACITOR EFFECTIVE SERIES RESISTANCE (ESR)
R
ESR
T
A = −40°C to +125°C
C
REG, COUT, CIN, CREF
0.001
0.2
Ω
C
BYP
0.001
2.0
Ω
1 The minimum input, regulator, and output capacitances must be greater than 7.0 μF over the full range of operating conditions. The full range of operating conditions
in the application must be considered during device selection to ensure that the minimum capacitance specification is met. X7R and X5R type capacitors are
recommended, and Y5V and Z5U capacitors are not recommended for use with any LDO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com