Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP7157ARDZ-01-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # ADP7157ARDZ-01-R7
Description  High PSRR, RF Linear Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP7157ARDZ-01-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADP7157ARDZ-01-R7 Datasheet HTML 8Page - Analog Devices ADP7157ARDZ-01-R7 Datasheet HTML 9Page - Analog Devices ADP7157ARDZ-01-R7 Datasheet HTML 10Page - Analog Devices ADP7157ARDZ-01-R7 Datasheet HTML 11Page - Analog Devices ADP7157ARDZ-01-R7 Datasheet HTML 12Page - Analog Devices ADP7157ARDZ-01-R7 Datasheet HTML 13Page - Analog Devices ADP7157ARDZ-01-R7 Datasheet HTML 14Page - Analog Devices ADP7157ARDZ-01-R7 Datasheet HTML 15Page - Analog Devices ADP7157ARDZ-01-R7 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
Data Sheet
ADP7157
Rev. A | Page 11 of 23
0
0.5
1.0
1.5
2.0
2.5
1.0
1.5
2.0
2.5
3.0
3.5
OUTPUT VOLTAGE (V)
10Hz TO 100kHz
100Hz TO 100kHz
Figure 29. RMS Output Noise vs. Output Voltage
0.1
1
10
100
1k
10
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
CBYP = 1µF
CBYP = 10µF
CBYP = 100µF
CBYP = 1000µF
Figure 30. Noise Spectral Density vs. Frequency at Various Values of CBYP
0.1
1
10
100
1k
10k
100k
0.1
1
10
100
1k
10k
100k
1M
FREQUENCY (Hz)
ILOAD = 10mA
ILOAD = 100mA
ILOAD = 600mA
ILOAD = 1200mA
Figure 31. Output Noise Spectral Density vs. Frequency
at Various Loads, 0.1 Hz to 1 MHz
0.1
1
10
100
1k
FREQUENCY (Hz)
10
100
1k
10k
100k
1M
10M
ILOAD = 10mA
ILOAD = 100mA
ILOAD = 600mA
ILOAD = 1200mA
Figure 32. Output Noise Spectral Density vs. Frequency
at Various Loads, 10 Hz to 10 MHz
CH1 500mA
CH2 5.00mV
M4.00µs
A CH1
700mA
1
2
T 21.10%
IOUT
SLEW RATE = 2.5A/µs
VOUT
B
W
B
W
Figure 33. Load Transient Response, ILOAD = 100 mA to 1.2 A,
VOUT = 3.3 V, VIN = 4.0 V, Channel 1 = IOUT, Channel 2 = VOUT
CH1 500mA
CH2 5.00mV
M4.00µs A CH1
690mA
T 22.60%
B
W
B
W
1
2
IOUT
VOUT
SLEW RATE = 1.5A/µs
Figure 34. Load Transient Response, ILOAD = 100 mA to 1.2 A, VOUT = 3.3 V,
VIN = 4.0 V, COUT = 22 μF, Channel 1 = IOUT, Channel 2 = VOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com