Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SK560 Datasheet(PDF) 1 Page - Cystech Electonics Corp.

Part # SK560
Description  Surface Mount Schottky Barrier Diodes
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

SK560 Datasheet(HTML) 1 Page - Cystech Electonics Corp.

  SK560 Datasheet HTML 1Page - Cystech Electonics Corp. SK560 Datasheet HTML 2Page - Cystech Electonics Corp. SK560 Datasheet HTML 3Page - Cystech Electonics Corp. SK560 Datasheet HTML 4Page - Cystech Electonics Corp. SK560 Datasheet HTML 5Page - Cystech Electonics Corp. SK560 Datasheet HTML 6Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
CYStech Electronics Corp.
Spec. No. : C337AF
Issued Date : 2014.04.30
Revised Date :2015.04.30
Page No. : 1/6
SK520AF-SK5100AF
CYStek Product Specification
5.0Amp. Surface Mount Schottky Barrier Diodes
SK520AF thru SK5100AF
Features
 For surface mounted applications.
 For use in low voltage, high frequency inverters, free wheeling, and polarity protection applications
 Plastic material used carries Underwriters Laboratory Flammability Classification 94V-0
 Low leakage current
 High surge capability
 Exceeds environmental standards of MIL-S-19500/228
Mechanical Data
Case: Molded plastic, SMA-S/JEDEC DO-214AC
 Terminals: Solder plated, solderable per MIL-STD-202 method 208
 Polarity: Indicated by cathode band.
 Mounting Position : Any.
 Weight: 0.057 gram, 0.0017 ounce
Ordering Information
Device
Package
Shipping
SK5X0AF-0-T4-G
SMA-S
(Pb-free lead plating and halogen-free package)
7500 pcs / Tape & Reel
Environment friendly grade : S for RoHS compliant products, G for RoHS compliant and
green compound products
Packing spec, T6 : 3000 pcs / tape & reel, 13” reel
Product rank, zero for no rank products
Product name


Similar Part No. - SK560

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
SK560 CYSTEKEC-SK560 Datasheet
209Kb / 7P
5.0Amp. Surface Mount Schottky Barrier Diodes
SK560 CYSTEKEC-SK560 Datasheet
151Kb / 5P
5.0Amp. Surface Mount Schottky Barrier Diodes
logo
DIYI Electronic Technol...
SK560D DYELEC-SK560D Datasheet
1Mb / 3P
SCHOTTKY BARRIER RECTIFIERS
logo
Guangdong Juxing Electr...
SK560DS JUXING-SK560DS Datasheet
2Mb / 3P
Surface Mount Schottky Rectifiers
logo
DIYI Electronic Technol...
SK560P DYELEC-SK560P Datasheet
1Mb / 3P
SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - SK560

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SD103AW PANJIT-SD103AW Datasheet
62Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODES
logo
Weitron Technology
B5817WS WEITRON-B5817WS Datasheet
369Kb / 3P
Surface Mount Schottky Barrier Diodes
BAS40 WEITRON-BAS40 Datasheet
203Kb / 2P
Surface Mount Schottky Barrier Diodes
SD103AW WEITRON-SD103AW Datasheet
79Kb / 3P
Surface Mount Schottky Barrier Diodes
logo
Pan Jit International I...
BAT400D PANJIT-BAT400D Datasheet
125Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODES
logo
Weitron Technology
WSD521G WEITRON-WSD521G Datasheet
410Kb / 4P
Surface Mount Schottky Barrier Diodes
logo
Shenzhen Luguang Electr...
RB548W LUGUANG-RB548W Datasheet
250Kb / 2P
Surface Mount Schottky Barrier Diodes
SD103ATW LUGUANG-SD103ATW Datasheet
294Kb / 2P
Surface Mount Schottky Barrier Diodes
logo
Diode Semiconductor Kor...
SD103ATW DSK-SD103ATW Datasheet
242Kb / 3P
Surface Mount Schottky Barrier Diodes
logo
SUNMATE electronic Co.,...
EC31QS06 SUNMATE-EC31QS06 Datasheet
441Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODES
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com