Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SK560 Datasheet(PDF) 2 Page - Cystech Electonics Corp.

Part # SK560
Description  Surface Mount Schottky Barrier Diodes
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

SK560 Datasheet(HTML) 2 Page - Cystech Electonics Corp.

  SK560 Datasheet HTML 1Page - Cystech Electonics Corp. SK560 Datasheet HTML 2Page - Cystech Electonics Corp. SK560 Datasheet HTML 3Page - Cystech Electonics Corp. SK560 Datasheet HTML 4Page - Cystech Electonics Corp. SK560 Datasheet HTML 5Page - Cystech Electonics Corp. SK560 Datasheet HTML 6Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
CYStech Electronics Corp.
Spec. No. : C337AF
Issued Date : 2014.04.30
Revised Date :2015.04.30
Page No. : 2/6
SK520AF-SK5100AF
CYStek Product Specification
Maximum Ratings and Electrical Characteristics
(
Rating at 25C ambient temperature unless otherwise specified. )
Parameter
Symbol
Type
Units
SK
520
SK
530
SK
540
SK
550
SK
560
SK
580
SK
5100
Repetitive peak reverse voltage
VRRM
20
30
40
50
60
80
100
V
Maximum RMS voltage
VRMS
14
21
28
35
42
56
70
V
Maximum DC blocking voltage
VR
20
30
40
50
60
80
100
V
Maximum instantaneous
forward voltage, IF=5A (Note 1)
VF
0.55
0.55
0.55
0.7
0.7
0.85
0.85
V
Average forward rectified current
IO
5
A
Peak forward surge current @8.3ms
single half sine wave superimposed
on rated load (JEDEC method)
IFSM
150
A
Maximum DC reverse current
VR=VRRM,TA=25℃(Note)
VR=VRRM,TA=125℃(Note)
IR
0.5
50
mA
mA
Maximum thermal resistance,
Junction to Case.Max
Rth,JC
31
℃/W
Diode junction capacitance @
f=1MHz and applied 4VDC reverse
voltage
CJ
380(typ)
pF
Storage temperature
Tstg
-55 ~ +150
℃
Operating temperature
TJ
-55 ~ +125
-55 ~ +150
℃
Notes : Pulse test, pulse width=300μsec, 2% duty cycle
Recommended Pad Layout



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com