Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML7005 Datasheet(PDF) 13 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7005
Description  DTMF Transceiver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7005 Datasheet(HTML) 13 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7005 Datasheet HTML 9Page - LAPIS Semiconductor Co., Ltd. ML7005 Datasheet HTML 10Page - LAPIS Semiconductor Co., Ltd. ML7005 Datasheet HTML 11Page - LAPIS Semiconductor Co., Ltd. ML7005 Datasheet HTML 12Page - LAPIS Semiconductor Co., Ltd. ML7005 Datasheet HTML 13Page - LAPIS Semiconductor Co., Ltd. ML7005 Datasheet HTML 14Page - LAPIS Semiconductor Co., Ltd. ML7005 Datasheet HTML 15Page - LAPIS Semiconductor Co., Ltd. ML7005 Datasheet HTML 16Page - LAPIS Semiconductor Co., Ltd. ML7005 Datasheet HTML 17Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
FEDL7005-01
ML7005
13/25
Processor Interface Charactceristics (Intel Processor Mode)
(VDD=+2.7 to +5.5 V, Ta=-30 to +85°C)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Address Data Setup Time
tAL
—
80
—
—
ns
Address Data Hold Time
tLA
—
30
—
—
ns
ALE Signal Time
tLL
—
80
—
—
ns
Chip Select Setup Time
before Read
tCRS
—
30
—
—
ns
Chip Select Hold Time after
Read
tCRH
—
30
—
—
ns
READB Data Output Delay
Time
tRD
VOL
 0.4 V, VOH  VDD – 0.4 V
0
90
180
ns
Data Float Time after Read
tRDF
—
5
37
60
ns
READB Signal Time
tRW
—
200
—
—
ns
Chip Select Setup Time
before Write
tCWS
—
30
—
—
ns
Chip Select Hold Time after
Write
tCWH
—
30
—
—
ns
WRB Signal Time
tWW
—
140
—
—
ns
Data Setup Time before
Write
tDW
—
80
—
—
ns
Data Hold Time
tWD
—
30
—
—
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com