Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML7005 Datasheet(PDF) 19 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7005
Description  DTMF Transceiver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7005 Datasheet(HTML) 19 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7005 Datasheet HTML 15Page - LAPIS Semiconductor Co., Ltd. ML7005 Datasheet HTML 16Page - LAPIS Semiconductor Co., Ltd. ML7005 Datasheet HTML 17Page - LAPIS Semiconductor Co., Ltd. ML7005 Datasheet HTML 18Page - LAPIS Semiconductor Co., Ltd. ML7005 Datasheet HTML 19Page - LAPIS Semiconductor Co., Ltd. ML7005 Datasheet HTML 20Page - LAPIS Semiconductor Co., Ltd. ML7005 Datasheet HTML 21Page - LAPIS Semiconductor Co., Ltd. ML7005 Datasheet HTML 22Page - LAPIS Semiconductor Co., Ltd. ML7005 Datasheet HTML 23Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
FEDL7005-01
ML7005
19/25
FUNCTIONAL DESCRIPTION
Oscillation Circuit
The X1 and X2 should be connected by a 3.579545 MHz crystal.
When the load capacitance of the crystal is 16pF, X1 and GND should be connected by a 20 pF capacitor, and
X2 and GND also should be connected by a 20 pF capacitor.
If necessary, an external clock should be input to X1 via a 1000 pF capacitor, and X2 should be left open.
DTMF Receiver, CPT Detector Input Level Adjustment
Adjust the input level according to the method shown in the figure 8.
Determine the value of a usable resistor so that the levels of the outputs (DTIO, CPDIO) of each amplifier at a
maximum input level are less than the maximum detect level described in the AC Characteristics.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com