Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC2007 Datasheet(PDF) 11 Page - Exar Corporation

Part # CLC2007
Description  Single, Dual, and Quad Low Cost, High Speed RRO Amplifiers
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

CLC2007 Datasheet(HTML) 11 Page - Exar Corporation

Back Button CLC2007 Datasheet HTML 7Page - Exar Corporation CLC2007 Datasheet HTML 8Page - Exar Corporation CLC2007 Datasheet HTML 9Page - Exar Corporation CLC2007 Datasheet HTML 10Page - Exar Corporation CLC2007 Datasheet HTML 11Page - Exar Corporation CLC2007 Datasheet HTML 12Page - Exar Corporation CLC2007 Datasheet HTML 13Page - Exar Corporation CLC2007 Datasheet HTML 14Page - Exar Corporation CLC2007 Datasheet HTML 15Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
© 2007-2014 Exar Corporation
11 / 27
exar.com/CLC1007
Rev 1D
CLC1007, CLC2007, CLC4007
Typical Performance Characteristics at +5V
TA = 25°C, VS = +5V, RL = 2kΩ to VS/2, G = +2, RF = 1.5kΩ; unless otherwise noted.
Large Signal Frequency Response
-3dB BW vs Output Voltage
Frequency Response vs CL
Frequency Response vs RL
Non-Inverting Frequency Response
Inverting Frequency Response
-9
-6
-3
0
3
0.1
1
10
100
1000
Frequency (MHz)
G = +1, RF = 0Ω
G = +5
G = +10
Vs = +5V, VOUT = 0.2Vpp
G = +2
-9
-6
-3
0
3
0.1
1
10
100
1000
Frequency (MHz)
G = -1
G = -5
G = -10
Vs = +5V, VOUT = 0.2Vpp
G = -2
-9
-6
-3
0
3
0.1
1
10
100
1000
Frequency (MHz)
CL = 22pF
No RS
Vs = +5V, VOUT = 0.2Vpp
CL = 47pF
RS = 20Ω
CL = 100pF
RS = 18Ω
CL = 492pF
RS = 7.5Ω
CL = 1000pF
RS = 4.3Ω
-9
-6
-3
0
3
0.1
1
10
100
1000
Frequency (MHz)
RL = 150Ω
Vs = +5V, VOUT = 0.2Vpp
RL = 500Ω
RL = 1KΩ
RL = 5KΩ
-9
-6
-3
0
3
0.1
1
10
100
1000
Frequency (MHz)
Vs = 5V
Vout = 1Vpp
Vout = 2Vpp
Vout = 3Vpp
20
30
40
50
60
70
80
90
100
110
0
0.5
1
1.5
2
2.5
3
Output Voltage (Vpp)
RL = 150Ω
Vs = +5V
RL = 2KΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com