Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC2007 Datasheet(PDF) 13 Page - Exar Corporation

Part # CLC2007
Description  Single, Dual, and Quad Low Cost, High Speed RRO Amplifiers
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

CLC2007 Datasheet(HTML) 13 Page - Exar Corporation

Back Button CLC2007 Datasheet HTML 9Page - Exar Corporation CLC2007 Datasheet HTML 10Page - Exar Corporation CLC2007 Datasheet HTML 11Page - Exar Corporation CLC2007 Datasheet HTML 12Page - Exar Corporation CLC2007 Datasheet HTML 13Page - Exar Corporation CLC2007 Datasheet HTML 14Page - Exar Corporation CLC2007 Datasheet HTML 15Page - Exar Corporation CLC2007 Datasheet HTML 16Page - Exar Corporation CLC2007 Datasheet HTML 17Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
© 2007-2014 Exar Corporation
13 / 27
exar.com/CLC1007
Rev 1D
CLC1007, CLC2007, CLC4007
Typical Performance Characteristics at +5V
TA = 25°C, VS = +5V, RL = 2kΩ to VS/2, G = +2, RF = 1.5kΩ; unless otherwise noted.
Differential Gain & Phase_DC Coupled
Differential Gain & Phase_AC Coupled
Non-Inverting Large Signal Pulse Response
Crosstalk vs Frequency (CLC2007)
0
1
2
3
4
5
0
50
100
150
200
Time (ns)
Vs = +5V
-100
-90
-80
-70
-60
-50
-40
0.01
0.1
1
10
Frequency (MHz)
Vs = +5V, RL = 150Ω, VOUT = 2Vpp



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com