Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC1007IST5X Datasheet(PDF) 1 Page - Exar Corporation

Part # CLC1007IST5X
Description  Single, Dual, and Quad Low Cost, High Speed RRO Amplifiers
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

CLC1007IST5X Datasheet(HTML) 1 Page - Exar Corporation

  CLC1007IST5X Datasheet HTML 1Page - Exar Corporation CLC1007IST5X Datasheet HTML 2Page - Exar Corporation CLC1007IST5X Datasheet HTML 3Page - Exar Corporation CLC1007IST5X Datasheet HTML 4Page - Exar Corporation CLC1007IST5X Datasheet HTML 5Page - Exar Corporation CLC1007IST5X Datasheet HTML 6Page - Exar Corporation CLC1007IST5X Datasheet HTML 7Page - Exar Corporation CLC1007IST5X Datasheet HTML 8Page - Exar Corporation CLC1007IST5X Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
CLC1007, CLC2007, CLC4007
Single, Dual, and Quad Low Cost,
High Speed RRO Amplifiers
© 2007-2014 Exar Corporation
1 / 27
exar.com/CLC1007
Rev 1D
FEATURES
■
■
260MHz bandwidth
■
■
Fully specified at +3V, +5V and ±5V
supplies
■
■
Output voltage range:
■
❏
0.03V to 4.95V; VS = +5; RL = 2kΩ
■
■
Input voltage range:
■
❏
-0.3V to +4.1V; VS = +5
■
■
220V/μs slew rate
■
■
2.6mA supply current per amplifier
■
■
±100mA linear output current
■
■
±125mA short circuit current
■
■
CLC2007 directly replaces LMH6643,
AD8042, AD8052, and AD8092
■
■
CLC1007 directly replaces LMH6642,
AD8041, AD8051, and AD8091
APPLICATIONS
■
■
A/D driver
■
■
Active filters
■
■
CCD imaging systems
■
■
CD/DVD ROM
■
■
Coaxial cable drivers
■
■
High capacitive load driver
■
■
Portable/battery-powered applications
■
■
Twisted pair driver
■
■
Telecom and optical terminals
■
■
Video driver
General Description
The CLC1007 (single), CLC2007 (dual) and CLC4007(quad) are low cost,
voltage feedback amplifiers. These amplifiers are designed to operate on
+3V to +5V, or ±5V supplies. The input voltage range extends 300mV below
the negative rail and 0.9V below the positive rail.
The CLC1007, CLC2007, and CLC4007 offer superior dynamic
performance with a 260MHz small signal bandwidth and 220V/μs slew
rate. The combination of low power, high output current drive, and rail-to-
rail performance make these amplifiers well suited for battery-powered
communication/computing systems.
The combination of low cost and high performance make the CLC1007,
CLC2007, and CLC4007 suitable for high volume applications in both
consumer and industrial applications such as wireless phones, scanners,
color copiers, and video transmission.
Large Signal Frequency Response
-9
-6
-3
0
3
0.1
1
10
100
1000
Frequency (MHz)
Vs = +/- 5V
Vout = 2Vpp
Vout = 3Vpp
Vout = 4Vpp
Output Voltage Swing vs Competition
-6
-5
-4
-3
-2
-1
0
1
2
3
4
5
6
-5
-4
-3
-2
-1
0
1
2
3
4
5
Input Amplitude (V)
RL = 50Ω
VS = ±5V
CLC2007
Competition
Ordering Information - page 26


Similar Part No. - CLC1007IST5X

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
CLC1001 CADEKA-CLC1001 Datasheet
1Mb / 17P
Ultra-Low Noise Amplifier
logo
Exar Corporation
CLC1001 EXAR-CLC1001 Datasheet
1Mb / 17P
Ultra-Low Noise Amplifier
logo
Cadeka Microcircuits LL...
CLC1001ASO8 CADEKA-CLC1001ASO8 Datasheet
1Mb / 17P
Ultra-Low Noise Amplifier
CLC1001ASO8X CADEKA-CLC1001ASO8X Datasheet
1Mb / 17P
Ultra-Low Noise Amplifier
CLC1001AST6X CADEKA-CLC1001AST6X Datasheet
1Mb / 17P
Ultra-Low Noise Amplifier
More results

Similar Description - CLC1007IST5X

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1253 LINER-LT1253 Datasheet
246Kb / 8P
Low Cost Dual and Quad Video Amplifiers
logo
National Semiconductor ...
LMV771 NSC-LMV771 Datasheet
844Kb / 21P
Single/Dual/Quad, Low Offset, Low Noise, RRO Operational Amplifiers
logo
Analog Devices
AD8682 AD-AD8682 Datasheet
327Kb / 16P
Dual/Quad Low Power, High Speed JFET Operational Amplifiers
10/06-Revision 0
OP282 AD-OP282_04 Datasheet
340Kb / 16P
Dual/Quad Low Power, High Speed JFET Operational Amplifiers
Rev. F
AD8692ARMZ-R7 AD-AD8692ARMZ-R7 Datasheet
396Kb / 16P
Low Cost, Low Noise, CMOS, RRO Operational Amplifiers
Rev. E
logo
Texas Instruments
LMV772MA TI1-LMV772MA Datasheet
1Mb / 33P
LMV771/LMV772/LMV772Q/LMV774 Single/Dual/Quad, Low Offset, Low Noise, RRO Operational Amplifiers
logo
Analog Devices
OP282ARMZ AD-OP282ARMZ Datasheet
317Kb / 16P
Dual/Quad, Low Power, High Speed JFET Operational Amplifiers
Rev. I
logo
Linear Technology
LT1253 LINER-LT1253_15 Datasheet
222Kb / 8P
Low Cost Dual and Quad Video Amplifiers
logo
Texas Instruments
LMV771 TI-LMV771_15 Datasheet
1Mb / 34P
Single/Dual/Quad, Low Offset, Low Noise, RRO Operational Amplifiers
logo
Analog Devices
AD8691 AD-AD8691_13 Datasheet
316Kb / 16P
Low Cost, Low Noise, CMOS, RRO Operational Amplifiers
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com