Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC1007IST5X Datasheet(PDF) 2 Page - Exar Corporation

Part # CLC1007IST5X
Description  Single, Dual, and Quad Low Cost, High Speed RRO Amplifiers
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

CLC1007IST5X Datasheet(HTML) 2 Page - Exar Corporation

  CLC1007IST5X Datasheet HTML 1Page - Exar Corporation CLC1007IST5X Datasheet HTML 2Page - Exar Corporation CLC1007IST5X Datasheet HTML 3Page - Exar Corporation CLC1007IST5X Datasheet HTML 4Page - Exar Corporation CLC1007IST5X Datasheet HTML 5Page - Exar Corporation CLC1007IST5X Datasheet HTML 6Page - Exar Corporation CLC1007IST5X Datasheet HTML 7Page - Exar Corporation CLC1007IST5X Datasheet HTML 8Page - Exar Corporation CLC1007IST5X Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
© 2007-2014 Exar Corporation
2 / 27
exar.com/CLC1007
Rev 1D
CLC1007, CLC2007, CLC4007
Absolute Maximum Ratings
Stresses beyond the limits listed below may cause
permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect
device reliability and lifetime.
VS ................................................................................. 0V to +14V
VIN ............................................................ -VS - 0.5V to +VS +0.5V
Operating Conditions
Supply Voltage Range .................................................2.7 to 12.6V
Operating Temperature Range ...............................-40°C to 125°C
Junction Temperature ........................................................... 150°C
Storage Temperature Range...................................-65°C to 150°C
Lead Temperature (Soldering, 10s) ......................................260°C
Package Thermal Resistance
θJA (TSOT23-5) ................................................................215°C/W
θJA (SOIC-8).....................................................................150°C/W
θJA (MSOP-8) .................................................................. 200°C/W
θJA (SOIC-14) .................................................................... 90°C/W
θJA (TSSOP-14)................................................................100°C/W
Package thermal resistance (
θJA), JEDEC standard, multi-layer
test boards, still air.
ESD Protection
TSOT-5 (HBM) ..........................................................................1kV
SOIC-8 (HBM) ..........................................................................1kV
TSOT-5 (CDM)..........................................................................2kV
SOIC-8 (CDM) ..........................................................................2kV
ESD Rating for HBM (Human Body Model) and CDM (Charged
Device Model).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com