Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM1921 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM1921
Description  LM1921 1 Amp Industrial Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1921 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LM1921 Datasheet HTML 1Page - National Semiconductor (TI) LM1921 Datasheet HTML 2Page - National Semiconductor (TI) LM1921 Datasheet HTML 3Page - National Semiconductor (TI) LM1921 Datasheet HTML 4Page - National Semiconductor (TI) LM1921 Datasheet HTML 5Page - National Semiconductor (TI) LM1921 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Application Hints
HIGH CURRENT OUTPUT
The 1 Amp output is fault protected against overvoltage If
the supply voltage rises above approximately 30 volts the
output will automatically shut down This protects the inter-
nal circuitry and enables the IC to survive higher voltage
transients than would otherwise be expected The 1921 will
survive transients and DC voltages up to 60 volts on the
supply The output remains off during this time independent
of the state of the input logic voltage This protects the load
The high current output is also protected against short cir-
cuits to either ground or supply voltage Standard thermal
shutdown circuits are employed to protect the 1921 from
over heating
FLYBACK RESPONSE
Since the 1921 is designed to drive inductive as well as any
other type of load inductive kickback can be expected
whenever the output changes state from on to off (see
waveforms on
Figure 1 ) The driver output was left un-
clamped since it is often desirable in many systems to
achieve a very rapid decay in the load current In applica-
tions where this is not true such as in
Figure 2 a simple
external diode clamp will suffice In this application the inte-
grated current in the inductive load is controlled by varying
the duty cycle of the input to the driver IC This technique
achieves response characteristics that are desirable for cer-
tain automotive transmission solenoids for example
For applications requiring a rapid controlled decay in the
solenoid current such as fuel injector drivers an external
zener and diode can be used as in
Figure 3 The voltage
rating of the zener should be such that it breaks down be-
fore the output of the LM1921 The minimum output break-
down voltage of the IC output is rated at b57 volts with
respect to the supply voltage Thus on a 12 volt supply the
combined zener and diode breakdown should be less than
45 volts
The LM1921 can be used alone as a simple relay or sole-
noid driver where a rapid decay of the load current is de-
sired but the exact rate of decay is not critical to the sys-
tem If the output is unclamped as in
Figure 1 and the load
is inductive enough the negative flyback transient will cause
the output of the IC to breakdown and behave similarly to a
zener clamp Relying upon the IC breakdown is practical
and will not damage or degrade the IC in any way There are
two considerations that must be accounted for when the
driver is operated in this mode The IC breakdown voltage is
process and lot dependent Clamp voltages ranging from
b
60 to b120 volts (with respect to the supply voltage) will
be encountered over time on different devices This is not at
all critical in most applications An important consideration
however is the additional heat dissipated in the IC as a
result This must be added to normal device dissipation
when considering junction temperatures and heat sinking
requirements Worst case for the additional dissipation can
be approximated as
Additional PD e I2 xLxf (Watts)
where
I e peak solenoid current (Amps)
L e solenoid inductance (Henries)
f e maximum frequency input signal (Hz)
For solenoids where the inductance is less than ten milli-
henries the additional power dissipation can be ignored
Overshoot undershoot and ringing can occur on certain
loads The simple solution is to lower the Q of the load by
the addition of a resistor in parallel or series with the load A
value that draws one tenth of the current or DC voltage of
the load is usually sufficient
TLH5271 – 10
FIGURE 2 Diode Clamp
TLH5271 – 11
FIGURE 3
Zener clamp for rapid controlled current decay
5



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com