Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM1921 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM1921
Description  LM1921 1 Amp Industrial Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1921 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM1921 Datasheet HTML 1Page - National Semiconductor (TI) LM1921 Datasheet HTML 2Page - National Semiconductor (TI) LM1921 Datasheet HTML 3Page - National Semiconductor (TI) LM1921 Datasheet HTML 4Page - National Semiconductor (TI) LM1921 Datasheet HTML 5Page - National Semiconductor (TI) LM1921 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TLH5271
February 1995
LM1921 1 Amp Industrial Switch
General Description
The LM1921 Relay Driver incorporates an integrated power
PNP transistor as the main driving element The advantages
of this over previous integrated circuits employing NPN
power elements are several Greater output voltages are
available off the same supply for driving grounded loads
typically 45 volts for a 500 mA load from a 50 volt supply
The output can swing below ground potential up to 57 volts
negative with respect to the positive power supply This can
be used to facilitate rapid decay times in inductive loads
Also the IC is immune to negative supply voltages or tran-
sients The inherent Safe Operating Area of the lateral PNP
allows use of the IC as a bulb driver or for capacitive loads
Familiar integrated circuit features such as short circuit pro-
tection and thermal shutdown are also provided The input
voltage threshold levels are designed to be TTL CMOS
and LSTTL compatible over the entire operating tempera-
ture range If several drivers are used in a system their
inputs andor outputs may be combined and wired together
if their supply voltages are also common
Features
Y
1 Amp output drive
Y
Load connected to ground
Y
Low input-output voltage differential
Y
a
60 volt positive transient protection
Y
b
50 volt negative transient protection
Y
Automotive reverse battery protection
Y
Short circuit proof
Y
Internal thermal overload protection
Y
Unclamped output for fast decay times
Y
TTL LSTTL CMOS compatible input
Y
Plastic TO-220 package
Y
100% electrical burn-in
Applications
Y
Relays
Y
Solenoids
Y
Valves
Y
Motors
Y
Lamps
Y
Heaters
Typical Application Circuit
Required for stability
TLH5271 – 1
FIGURE 1 Test and Application Circuit
Connection Diagram
TLH5271 – 2
Front View
Order Number LM1921T
See NS Package Number T05A
C1995 National Semiconductor Corporation
RRD-B30M115Printed in U S A


Similar Part No. - LM1921

ManufacturerPart #DatasheetDescription
logo
Shenzhen TOPWAY Technol...
LM192160ACW TOPWAY-LM192160ACW Datasheet
984Kb / 15P
LCD Module User Manual
LM192160BCW TOPWAY-LM192160BCW Datasheet
1Mb / 14P
LCD Module User Manual
LM192160BCW-1 TOPWAY-LM192160BCW-1 Datasheet
1Mb / 14P
LCD Module User Manual
LM192160BCW-2 TOPWAY-LM192160BCW-2 Datasheet
689Kb / 11P
LCD Module User Manual
LM192160BCW-3 TOPWAY-LM192160BCW-3 Datasheet
1Mb / 14P
LCD Module User Manual
More results

Similar Description - LM1921

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM1951 NSC-LM1951 Datasheet
171Kb / 10P
LM1951 Solid State 1 Amp Switch
logo
NTE Electronics
NTE6110 NTE-NTE6110 Datasheet
16Kb / 2P
Industrial Rectifier, 500 Amp
NTE6113 NTE-NTE6113 Datasheet
16Kb / 2P
Industrial Rectifier, 1200 Amp
NTE6116 NTE-NTE6116 Datasheet
18Kb / 2P
Industrial Rectifier, 2200 Amp
logo
C&K Components
AP CK-COMPONENTS-AP Datasheet
314Kb / 6P
Industrial Pushbutton Switch
logo
Eutech Microelectronics...
EUP3511 EUTECH-EUP3511 Datasheet
153Kb / 1P
1 AMP CURRENT LIMITED LOAD SWITCH
logo
Red Lion Controls. Inc
SLX-6RS-4SC-D1 REDLION-SLX-6RS-4SC-D1 Datasheet
781Kb / 2P
SL/SLX-6RS-1/4/5 Industrial Ethernet Switch
logo
Advantech Co., Ltd.
EKI-2525MI ADVANTECH-EKI-2525MI Datasheet
263Kb / 2P
41 100FX Port Unmanaged Industrial Ethernet Switch
5-Mar-2020
EKI-2525M ADVANTECH-EKI-2525M_V01 Datasheet
274Kb / 2P
41 100FX Port Unmanaged Industrial Ethernet Switch
19-Jun-2017
logo
Black Box Registered Tr...
SW-584 BLACKBOX-SW-584 Datasheet
1Mb / 4P
INDUSTRIAL 1 SFP & 4 PORT GIGABIT ETHERNET SWITCH
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com