Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC3605 Datasheet(PDF) 1 Page - Exar Corporation

Part # CLC3605
Description  1.5GHz Amplifiers
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

CLC3605 Datasheet(HTML) 1 Page - Exar Corporation

  CLC3605 Datasheet HTML 1Page - Exar Corporation CLC3605 Datasheet HTML 2Page - Exar Corporation CLC3605 Datasheet HTML 3Page - Exar Corporation CLC3605 Datasheet HTML 4Page - Exar Corporation CLC3605 Datasheet HTML 5Page - Exar Corporation CLC3605 Datasheet HTML 6Page - Exar Corporation CLC3605 Datasheet HTML 7Page - Exar Corporation CLC3605 Datasheet HTML 8Page - Exar Corporation CLC3605 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
Data Sheet
Comlinear® CLC1605, CLC2605, CLC3605
1.5GHz Amplifiers
Exar Corporation
www.exar.com
48720 Kato Road, Fremont CA 94538, USA
Tel. +1 510 668-7000 - Fax. +1 510 668-7001
FEATURES
n
0.1dB gain flatness to 120MHz
n
0.01%/0.01˚ differential gain/phase
n
1.2GHz -3dB bandwidth at G = 2
n
700MHz large signal bandwidth
n
2,500V/μs slew rate
n
3.7nV/√Hz input voltage noise
n
120mA output current
n
Triple offers disable
n
Fully specified at 5V and ±5V supplies
n
CLC1605: Pb-free SOT23-5
n
CLC2605: Pb-free SOIC-8
n
CLC3605: Pb-free SOIC-16
APPLICATION S
n
RGB video line drivers
n
High definition video driver
n
Video switchers and routers
n
ADC buffer
n
Active filters
n
High-speed instrumentation
n
Wide dynamic range IF amp
n
Radar/communication receivers
General Description
The COMLINEAR CLC1605 (single), CLC2605 (dual), and CLC3605 (triple)
are high-performance, current feedback amplifiers that provide 1.5GHz unity
gain bandwidth, ±0.1dB gain flatness to 120MHz, and 2,500V/μs slew rate.
This high performance exceeds the requirements of high-definition television
(HDTV) and other multimedia applications. These COMLINEAR high-
performance amplifiers also provide ample output current to drive multiple
video loads.
The COMLINEAR CLC1605, CLC2605, and CLC3605 are designed to operate
from ±5V or +5V supplies. The CLC3605 offers a fast enable/disable feature
to save power. While disabled, the outputs are in a high-impedance state
to allow for multiplexing applications. The combination of high-speed, low-
power, and excellent video performance make these amplifiers well suited
for use in many general purpose, high-speed applications including high-
definition video, imaging applications, and radar/communications receivers.
Typical Application - Driving Dual Video Loads
Ordering Information
Part Number
Package
Pb-Free
RoHS Compliant
Operating Temperature Range
Packaging Method
CLC1605IST5X
SOT23-5
Yes
Yes
-40°C to +85°C
Reel
CLC2605ISO8X*
SOIC-8
Yes
Yes
-40°C to +85°C
Reel
CLC3605ISO16X
SOIC-16
Yes
Yes
-40°C to +85°C
Reel
Moisture sensitivity level for all parts is MSL-1. *Preliminary.
Input
Output A
+Vs
-Vs
Rg
Rf
75Ω
75Ω
Cable
75Ω
Cable
75Ω
Cable
75Ω
75Ω
75Ω
75Ω
Output B


Similar Part No. - CLC3605

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
CLC3605 CADEKA-CLC3605 Datasheet
2Mb / 20P
Single and Triple, 1.5GHz Amplifiers
CLC3605ISO16 CADEKA-CLC3605ISO16 Datasheet
2Mb / 20P
Single and Triple, 1.5GHz Amplifiers
CLC3605ISO16X CADEKA-CLC3605ISO16X Datasheet
2Mb / 20P
Single and Triple, 1.5GHz Amplifiers
More results

Similar Description - CLC3605

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJG1552F NJRC-NJG1552F Datasheet
577Kb / 19P
1.5ghZ/1.9ghZ mixer gAaS mmic
NJG1553F NJRC-NJG1553F Datasheet
594Kb / 21P
1.5ghZ/1.9ghZ mixer gAaS mmic
logo
Mitel Networks Corporat...
SP8830 MITEL-SP8830 Datasheet
90Kb / 5P
1.5GHz 첨 10 Prescaler
logo
Rohm
2SC5661 ROHM-2SC5661 Datasheet
75Kb / 4P
High-Frequency Amplifier Transistor (18V, 50mA, 1.5GHz)
logo
Nais(Matsushita Electri...
RK1-12V NAIS-RK1-12V Datasheet
84Kb / 4P
1.5GHz MICROWAVE RELAY
logo
Zarlink Semiconductor I...
SP8830 ZARLINK-SP8830 Datasheet
316Kb / 6P
1.5GHz 첨 10 Prescaler
logo
Linear Technology
LT5515 LINER-LT5515 Datasheet
197Kb / 12P
1.5GHz to 2.5GHz Direct Conversion Quadrature Demodulator
logo
Cadeka Microcircuits LL...
CLC1605 CADEKA-CLC1605 Datasheet
2Mb / 20P
Single and Triple, 1.5GHz Amplifiers
logo
Micrel Semiconductor
SY89295U MICREL-SY89295U_11 Datasheet
638Kb / 17P
2.5V/3.3V 1.5GHz Precision LVPECL
logo
Linear Technology
LT5579 LINER-LT5579_15 Datasheet
347Kb / 20P
1.5GHz to 3.8GHz High Linearity Upconverting Mixer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com