Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC4000ISO14X Datasheet(PDF) 1 Page - Exar Corporation

Part # CLC4000ISO14X
Description  High Output Current Dual and Quad Amplifiers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

CLC4000ISO14X Datasheet(HTML) 1 Page - Exar Corporation

  CLC4000ISO14X Datasheet HTML 1Page - Exar Corporation CLC4000ISO14X Datasheet HTML 2Page - Exar Corporation CLC4000ISO14X Datasheet HTML 3Page - Exar Corporation CLC4000ISO14X Datasheet HTML 4Page - Exar Corporation CLC4000ISO14X Datasheet HTML 5Page - Exar Corporation CLC4000ISO14X Datasheet HTML 6Page - Exar Corporation CLC4000ISO14X Datasheet HTML 7Page - Exar Corporation CLC4000ISO14X Datasheet HTML 8Page - Exar Corporation CLC4000ISO14X Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
Data Sheet
Comlinear® CLC2000, CLC4000
High Output Current Dual and Quad Amplifiers
Exar Corporation
www.exar.com
48720 Kato Road, Fremont CA 94538, USA
Tel. +1 510 668-7000 - Fax. +1 510 668-7001
FEATURES
n
9.4Vpp output drive into RL= 25Ω
n
Using both amplifiers, 18.8Vpp
differential output drive into RL= 25Ω
n
±200mA @ Vo = 9.4Vpp
n
0.009%/0.06˚ differential gain/
phase error
n
250MHz -3dB bandwidth at G = 2
n
510MHz -3dB bandwidth at G = 1
n
210V/μs slew rate
n
4.5nV/√Hz input voltage noise
n
2.7pA/√Hz input current noise
n
7mA supply current
n
Fully specified at 5V and 12V supplies
APPLICATION S
n
ADSL PCI modem cards
n
ADSL external modems
n
Cable drivers
n
Video line driver
n
Twisted pair driver/receiver
n
Power line communications
General Description
The
Comlinear CLC2000 and CLC4000 are dual and quad voltage feedback
amplifiers that offer ±200mA of output current at 9.4Vpp. The CLC2000
and CLC4000 are capable of driving signals to within 1V of the power rails.
When connected as a differential line driver, the amplifier drives signals up to
18.8Vpp into a 25Ω load, which supports the peak upstream power levels for
upstream full-rate ADSL CPE applications.
The
Comlinear CLC2000 and CLC4000 can operate from single or dual sup-
plies from 5V to 12V. It consumes only 7mA of supply current per chan-
nel. The combination of wide bandwidth, low noise, low distortion, and high
output current capability makes the CLC2000 and CLC4000 ideally suited for
Customer Premise ADSL or video line driving applications.
Typical Application - ADSL Application
Ordering Information
Part Number
Package
Pb-Free
Operating Temperature Range
Packaging Method
CLC2000ISO8X
SOIC-8
Yes
-40°C to +85°C
Reel
CLC2000ISO8
SOIC-8
Yes
-40°C to +85°C
Rail
CLC4000ISO14X
SOIC-14
Yes
-40°C to +85°C
Reel
CLC4000ISO14
SOIC-14
Yes
-40°C to +85°C
Rail
Moisture sensitivity level for all parts is MSL-1.
+
VIN
Vo+
1:2
Vo-
Ro+=12.5Ω
RL=100Ω
Ro-=12.5Ω
1/2
CLC2000
1/2
CLC2000
Rg
Rf+
-
Rf-
VOUT
-Vs
+Vs


Similar Part No. - CLC4000ISO14X

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC400 NSC-CLC400 Datasheet
392Kb / 6P
Fast Settling, Wideband Low-Gain Monolithic Op Amp
logo
Texas Instruments
CLC400 TI1-CLC400 Datasheet
507Kb / 11P
Fast Settling, Wideband Low Gain Monolithic Op Amp
logo
Exar Corporation
CLC4007 EXAR-CLC4007 Datasheet
1Mb / 27P
Single, Dual, and Quad Low Cost, High Speed RRO Amplifiers
CLC4007ISO14EVB EXAR-CLC4007ISO14EVB Datasheet
1Mb / 27P
Single, Dual, and Quad Low Cost, High Speed RRO Amplifiers
CLC4007ISO14MTR EXAR-CLC4007ISO14MTR Datasheet
1Mb / 27P
Single, Dual, and Quad Low Cost, High Speed RRO Amplifiers
More results

Similar Description - CLC4000ISO14X

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN6567 PANASONIC-AN6567 Datasheet
32Kb / 4P
Dual High Output Current Operational Amplifiers
logo
Elantec Semiconductor
EL2260C ELANTEC-EL2260C Datasheet
461Kb / 20P
Dual/Quad 130 MHz Current Feedback Amplifiers
logo
Linear Technology
LT1229 LINER-LT1229 Datasheet
292Kb / 12P
Dual and Quad 100MHz Current Feedback Amplifiers
logo
Intersil Corporation
EL2460 INTERSIL-EL2460 Datasheet
294Kb / 15P
Dual/Quad 130MHz Current Feedback Amplifiers
January 1995
logo
Cadeka Microcircuits LL...
CLC2600 CADEKA-CLC2600 Datasheet
2Mb / 15P
Dual, Triple, and Quad 300MHz Amplifiers
logo
Linear Technology
LT1229 LINER-LT1229_15 Datasheet
247Kb / 16P
Dual and Quad 100MHz Current Feedback Amplifiers
LT1230 LINER-LT1230_15 Datasheet
247Kb / 16P
Dual and Quad 100MHz Current Feedback Amplifiers
logo
Diodes Incorporated
LM2902 DIODES-LM2902 Datasheet
863Kb / 15P
DUAL AND QUAD OPERATIONAL AMPLIFIERS
Rev 3
logo
STMicroelectronics
TS9222 STMICROELECTRONICS-TS9222 Datasheet
511Kb / 16P
HIgh precision high stability dual and quad operational amplifiers
23-May-2014
logo
Diodes Incorporated
LM2902 DIODES-LM2902_18 Datasheet
791Kb / 16P
DUAL AND QUAD OPERATIONAL AMPLIFIERS
Rev 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com