Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC4000ISO14X Datasheet(PDF) 11 Page - Exar Corporation

Part # CLC4000ISO14X
Description  High Output Current Dual and Quad Amplifiers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

CLC4000ISO14X Datasheet(HTML) 11 Page - Exar Corporation

Back Button CLC4000ISO14X Datasheet HTML 7Page - Exar Corporation CLC4000ISO14X Datasheet HTML 8Page - Exar Corporation CLC4000ISO14X Datasheet HTML 9Page - Exar Corporation CLC4000ISO14X Datasheet HTML 10Page - Exar Corporation CLC4000ISO14X Datasheet HTML 11Page - Exar Corporation CLC4000ISO14X Datasheet HTML 12Page - Exar Corporation CLC4000ISO14X Datasheet HTML 13Page - Exar Corporation CLC4000ISO14X Datasheet HTML 14Page - Exar Corporation CLC4000ISO14X Datasheet HTML 15Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
Data Sheet
©2007-2013 Exar Corporation
11/18
Rev 1D
Typical Performance Characteristics - Continued
TA = 25°C, Vs = 12V, Rf = 510Ω, RL = 100Ω to VS/2, G = 2; unless otherwise noted.
Crosstalk vs. Frequency
Crosstalk vs. Frequency (VS=5V)
Small Signal Pulse Response (VS=5V)
Large Signal Pulse Response (VS=5V)
Small Signal Pulse Response
Large Signal Pulse Response
5.85
5.9
5.95
6
6.05
6.1
6.15
0
20
40
60
80
100
120
140
160
180
200
Time (ns)
3.0
4.0
5.0
6.0
7.0
8.0
9.0
0
20
40
60
80
100
120
140
160
180
200
Time (ns)
VOUT = 4Vpp
VOUT = 2Vpp
2.35
2.40
2.45
2.50
2.55
2.60
2.65
0
20
40
60
80
100
120
140
160
180
200
Time (ns)
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
0
20
40
60
80
100
120
140
160
180
200
Time (ns)
VOUT = 3Vpp
VOUT = 2Vpp
-90
-85
-80
-75
-70
-65
-60
-55
-50
-45
-40
-35
-30
0.1
1
10
100
Frequency (MHz)
VOUT = 2Vpp
-90
-85
-80
-75
-70
-65
-60
-55
-50
-45
-40
-35
-30
0.1
1
10
100
Frequency (MHz)
VOUT = 2Vpp



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com