Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC2011ISO8EVB Datasheet(PDF) 6 Page - Exar Corporation

Part # CLC2011ISO8EVB
Description  Low Power, Low Cost, Rail-to-Rail I/O Amplifiers
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

CLC2011ISO8EVB Datasheet(HTML) 6 Page - Exar Corporation

Back Button CLC2011ISO8EVB Datasheet HTML 2Page - Exar Corporation CLC2011ISO8EVB Datasheet HTML 3Page - Exar Corporation CLC2011ISO8EVB Datasheet HTML 4Page - Exar Corporation CLC2011ISO8EVB Datasheet HTML 5Page - Exar Corporation CLC2011ISO8EVB Datasheet HTML 6Page - Exar Corporation CLC2011ISO8EVB Datasheet HTML 7Page - Exar Corporation CLC2011ISO8EVB Datasheet HTML 8Page - Exar Corporation CLC2011ISO8EVB Datasheet HTML 9Page - Exar Corporation CLC2011ISO8EVB Datasheet HTML 10Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
© 2009 - 2014 Exar Corporation
6 / 17
exar.com/CLC2011
Rev 1D
CLC2011, CLC4011
Typical Performance Characteristics
TA = 25°C, VS = +2.7V, Rf = Rg = 5kΩ, RL = 10kΩ to VS/2; G = 2; unless otherwise noted.
Frequency Response vs CL
Frequency Response vs RL
Non-Inverting Frequency Response at VS = 2.7V
Inverting Frequency Response at VS = 2.7V
Non-Inverting Frequency Response at VS = 5V
Inverting Frequency Response at VS = 5V
Frequency (MHz)
0.01
0.1
Rf = 5kΩ
1
10
G = 5
Rf = 5kΩ
G = 1
Rf = 0
G = 2
Rf = 5kΩ
Vo = 0.2Vpp
Frequency (MHz)
0.01
0.1
Rf = 5kΩ
1
10
Rf = 5kΩ
Rf = 5kΩ
Rf = 5kΩ
Vo = 0.2Vpp
Frequency (MHz)
0.01
0.1
Rf = 5kΩ
1
10
G = 5
Rf = 5kΩ
G = 1
Rf = 0
G = 2
Rf = 5kΩ
Vo = 0.2Vpp
Frequency (MHz)
0.01
0.1
G= -10
1
10
G= -5
G= -1
G= -2
Rf = 5kΩ
Frequency (MHz)
0.01
0.1
1
10
C L
Rs = 100Ω
C L
Rs = 0Ω
CL
Rs = 0Ω
CL
Rs = 0Ω
5kΩ
5kΩ
Rs
CL
RL
Vo = 0.05V
+
-
Frequency (MHz)
0.01
0.1
1
10
RL = 1kΩ
RL = 50Ω
RL = 10kΩ
RL = 200Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com