Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC2011ISO8EVB Datasheet(PDF) 1 Page - Exar Corporation

Part # CLC2011ISO8EVB
Description  Low Power, Low Cost, Rail-to-Rail I/O Amplifiers
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

CLC2011ISO8EVB Datasheet(HTML) 1 Page - Exar Corporation

  CLC2011ISO8EVB Datasheet HTML 1Page - Exar Corporation CLC2011ISO8EVB Datasheet HTML 2Page - Exar Corporation CLC2011ISO8EVB Datasheet HTML 3Page - Exar Corporation CLC2011ISO8EVB Datasheet HTML 4Page - Exar Corporation CLC2011ISO8EVB Datasheet HTML 5Page - Exar Corporation CLC2011ISO8EVB Datasheet HTML 6Page - Exar Corporation CLC2011ISO8EVB Datasheet HTML 7Page - Exar Corporation CLC2011ISO8EVB Datasheet HTML 8Page - Exar Corporation CLC2011ISO8EVB Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
CLC2011, CLC4011
Low Power, Low Cost, Rail-to-Rail I/O Amplifiers
© 2009 - 2014 Exar Corporation
1 / 17
exar.com/CLC2011
Rev 1D
General Description
The CLC2011 (dual) and CLC4011 (quad) are ultra-low cost, low power,
voltage feedback amplifiers. At 2.7V, the CLCx011 family uses only 136μA
of supply current per amplifier and are designed to operate from a supply
range of 2.5V to 5.5V (±1.25 to ±2.75). The input voltage range exceeds the
negative and positive rails.
The CLCx011 family of amplifiers offer high bipolar performance at a low
CMOS prices. They offer superior dynamic performance with 4.9MHz small
signal bandwidths and 5.3V/μs slew rates. The combination of low power,
high bandwidth, and rail-to-rail performance make the CLCx011 amplifiers
well suited for battery-powered communication/computing systems.
Large Signal Frequency Response
Output Swing vs. Load
Input Voltage (0.4V/div)
-2.0
0
2.0
-1.35
0
1.35
RL = 10kΩ
RL = 1kΩ
RL = 75/100Ω
RL = 200Ω
RL = 100Ω
RL = 75Ω
Frequency (MHz)
0.01
0.1
1
10
Vo = 4Vpp
Vs = 5V
Vo = 1Vpp
Vo = 2Vpp
FEATURES
■
■
136μA supply current
■
■
4.9MHz bandwidth
■
■
Output swings to within 20mV of either rail
■
■
Input voltage range exceeds the rail by
>250mV
■
■
5.3V/μs slew rate
■
■
21nV/√Hz input voltage noise
■
■
±35mA linear output current
■
■
Fully specified at 2.7V and 5V supplies
APPLICATIONS
■
■
Portable/battery-powered applications
■
■
Mobile communications, cell phones,
pagers
■
■
ADC buffer
■
■
Active filters
■
■
Portable test instruments
■
■
Notebooks and PDA’s
■
■
Signal conditioning
■
■
Medical equipment
■
■
Portable medical instrumentation
Ordering Information - back page


Similar Part No. - CLC2011ISO8EVB

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
CLC2011ISO8X CADEKA-CLC2011ISO8X Datasheet
2Mb / 16P
Low Power, Low Cost, Rail-to-Rail I/O Amplifiers
CLC2011ISO8X CADEKA-CLC2011ISO8X Datasheet
3Mb / 17P
Low Power, Low Cost, Rail-to-Rail I/O Amplifiers
More results

Similar Description - CLC2011ISO8EVB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM6132 NSC-LM6132 Datasheet
361Kb / 14P
Low Power 10 MHz Rail-to-Rail I/O Operational Amplifiers
logo
Fairchild Semiconductor
KM4170 FAIRCHILD-KM4170 Datasheet
459Kb / 16P
Low Cost, 2.7V & 5V, Rail-to-Rail I/O Amplifiers
logo
Burr-Brown (TI)
OPA705 BURR-BROWN-OPA705 Datasheet
280Kb / 12P
Low-Cost, CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
Cadeka Microcircuits LL...
CLC1011 CADEKA-CLC1011 Datasheet
2Mb / 16P
Low Power, Low Cost, Rail-to-Rail I/O Amplifiers
CLC1011_1A CADEKA-CLC1011_1A Datasheet
3Mb / 17P
Low Power, Low Cost, Rail-to-Rail I/O Amplifiers
logo
Texas Instruments
OPA705 TI-OPA705_12 Datasheet
614Kb / 15P
Low-Cost, CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
TLV379 TI1-TLV379 Datasheet
1Mb / 32P
Cost-Optimized, Low-Voltage, 4-muA, Rail-to-Rail I/O Operational Amplifiers
OPA342 TI1-OPA342 Datasheet
879Kb / 15P
Low-Cost, Low-Power, Rail-to-Rail OPERATIONAL AMPLIFIERS
OPA705 TI1-OPA705 Datasheet
837Kb / 15P
Low-Cost, CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
ON Semiconductor
FAN4931 ONSEMI-FAN4931 Datasheet
1Mb / 13P
Ultra-Low Cost, Rail-to-Rail I/O, CMOS Amplifier
February 2013 Rev. 1.0.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com