Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP508EEF-L Datasheet(PDF) 21 Page - Exar Corporation

Part # SP508EEF-L
Description  Rugged 20Mbps, 8 Channel Multi-Protocol Transceiver with Programmable DCE/DTE and Termination Resistors
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP508EEF-L Datasheet(HTML) 21 Page - Exar Corporation

Back Button SP508EEF-L Datasheet HTML 17Page - Exar Corporation SP508EEF-L Datasheet HTML 18Page - Exar Corporation SP508EEF-L Datasheet HTML 19Page - Exar Corporation SP508EEF-L Datasheet HTML 20Page - Exar Corporation SP508EEF-L Datasheet HTML 21Page - Exar Corporation SP508EEF-L Datasheet HTML 22Page - Exar Corporation SP508EEF-L Datasheet HTML 23Page - Exar Corporation SP508EEF-L Datasheet HTML 24Page - Exar Corporation SP508EEF-L Datasheet HTML 25Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
2
ExarCorporation48720KatoRoad,FremontCA,94538•50-668-707•www.exar.comSP508E_00_07242
ThefourthtypeofdriversareV.35differential
drivers.Thereareonlythreeavailableonthe
SP508Efordataandclock(TxD,TxCE,and
TxCinDCEmode).Thesedriversarecurrent
sources that drive loop current through
a differential pair resulting in a 550mV
differential voltage at the receiver. These
drivers also incorporate fixed termination
networksforeachdriverinordertosetthe
V
OHandVOLdependingonloadconditions.
Thisterminationnetworkisbasicallya“Y”
configuration consisting of two 51Ω resistors
connected in series and a 124Ω resistor
connected between the two 50Ω resistors
andaV35TGNDoutput.Eachofthethree
drivers and its associated termination will
haveitsownV35TGNDoutputforgrounding
convenience. Filtering can be done on
thesepinstoreducecommonmodenoise
transmitted over the transmission line by
connectingacapacitortoground.
Thedriversalsohaveseparateenablepins
which simplifies half-duplex configurations
forsomeapplications,especiallyprogram-
mableDTE/DCE.Theenablepinswilleither
enableordisabletheoutputofthedrivers
according to the appropriate active logic
illustrated on Figure 45. The enable pins
haveinternalpull-upandpull-downdevices,
dependingontheactivepolarityofthere-
ceiver,thatenablethedriveruponpower-on
if the enable lines are left floating. During
disabledconditions,thedriveroutputswill
beatahighimpedance3-state.
ThedriverinputsarebothTTLandCMOS
compatible.Alldriverinputshaveaninternal
pull-upresistorsothattheoutputwillbeat
a defined state at logic LOW (“0”). Unused
driver inputs can be left floating. The inter-
nalpull-upresistorvalueisapproximately
500kΩ.
Receivers
The SP508E has eight enhanced inde-
pendent receivers. Control for the mode
selection is done via a three-bit con-
trol word that is the same as the driver
control word. Therefore, the modes for
thedriversandreceiversareidenticalinthe
application.
Like the drivers, the receivers are prear-
ranged for the specific requirements of
the synchronous serial interface. As the
operatingmodeofthereceiversischanged,
the electrical characteristics will change
to support the required serial interface
protocols of the receivers.Table 2 shows
themodeofeachreceiverinthedifferent
interface modes that can be selected.
Therearetwobasictypesofreceivercir-
cuits—ITU-T-V.28(RS-232)andITU-T-V.,
(RS-422).
TheRS-232(V.28)receiverissingle-ended
andacceptsRS-232signalsfromtheRS-
232 driver. The RS-232 receiver has an
operatinginputvoltagerangeof+5Vand
canreceivesignalsdownsto+3V.Theinput
sensitivitycomplieswithRS-232andV.28
at+3V. The input impedance is 3kΩ to 7kΩ
inaccordancetoRS-232andV.28.The
receiveroutputproducesaTTL/CMOSsignal
witha+2.4Vminimumforalogic“”anda
+0.4Vmaximumforalogic“0”.TheRS-232
(V.28)protocolusesthesereceiversforall
data,clockandcontrolsignals.Theyarealso
usedinV.35modeforcontrollinesignals:
CTS,DSR,LL,andRL.TheRS-232receiv-
erscanoperateover20kbps.
Thesecondtypeofreceiverisadifferential
type that can be configured internally to
support ITU-T-V.0 and CCITT-V.35
depending on its input conditions. This
receiver has a typical input impedance
of 10kΩ and a differential threshold of
less than +200mV, which complies with
the ITU-T-V.11 (RS-422) specifications.
V. receivers are used in RS-449/V.36,
EIA-530,EIA-530AandX.2asCategoryI
signalsforreceivingclock,data,andsome
controllinesignalsnotcoveredbyCategory
IIV.0circuits.ThedifferentialV.trans-
ceiverhasimprovedarchitecturethatallows
over20Mbpstransmissionrates.
Receiversdedicatedfordataandclock(RxD,
RxC,TxC)incorporateinternaltermination
forV..Theterminationresistoristypically
120ΩconnectedbetweentheAandBinputs.
Theterminationisessentialforminimizing
crosstalk and signal reflection over the
transmission line .The minimum value is
guaranteed to exceed 100Ω, thus complying
with the V.11 and RS-422 specifications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com