Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP508EEF-L Datasheet(PDF) 29 Page - Exar Corporation

Part # SP508EEF-L
Description  Rugged 20Mbps, 8 Channel Multi-Protocol Transceiver with Programmable DCE/DTE and Termination Resistors
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP508EEF-L Datasheet(HTML) 29 Page - Exar Corporation

Back Button SP508EEF-L Datasheet HTML 21Page - Exar Corporation SP508EEF-L Datasheet HTML 22Page - Exar Corporation SP508EEF-L Datasheet HTML 23Page - Exar Corporation SP508EEF-L Datasheet HTML 24Page - Exar Corporation SP508EEF-L Datasheet HTML 25Page - Exar Corporation SP508EEF-L Datasheet HTML 26Page - Exar Corporation SP508EEF-L Datasheet HTML 27Page - Exar Corporation SP508EEF-L Datasheet HTML 28Page - Exar Corporation SP508EEF-L Datasheet HTML 29Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 29 / 29 page
background image
29
ExarCorporation48720KatoRoad,FremontCA,94538•50-668-707•www.exar.comSP508E_00_07242
ORDERINGINFORMATION
PartNumberTopMarkTemperatureRange
PackageTypes
SP508ECF-L................ SP508ECFYYWW..........................0°Cto+70°C...............................00LeadLQFP
SP508EEF-L................ SP508EEFYYWW.......................-40°Cto+85°C...............................00LeadLQFP
REVISIONHISTORY
Notice
EXARCorporationreservestherighttomakechangestoanyproductscontainedinthispublicationinordertoimprovedesign,performanceorreliabil-
ity.EXARCorporationassumesnorepresentationthatthecircuitsarefreeofpatentinfringement.Chartsandschedulescontainedhereinareonlyfor
illustration purposes and may vary depending upon a user's specific application. While the information in this publication has been carefully checked;
noresponsibility,however,isassumedforinaccuracies.
EXARCorporationdoesnotrecommendtheuseofanyofitsproductsinlifesupportapplicationswherethefailureormalfunctionoftheproductcan
reasonably be expected to cause failure of the life support system or to significantly affect its safety or effectiveness. Products are not authorized for
useinsuchapplicationsunlessEXARCorporationreceives,inwritting,assurancestoitssatisfactionthat:(a)theriskofinjuryordamagehasbeen
minimized;(b)theuserassumesallsuchrisks;(c)potentialliabilityofEXARCorporationisadequatelyprotectedunderthecircumstances.
Copyright202EXARCorporation
DatasheetJuly202
Sendyourserialtransceivertechnicalinquirywithtechnicaldetailstooure-mailhotline:serialtechsupport@exar.com
Reproduction,inpartorwhole,withoutthepriorwrittenconsentofEXARCorporationisprohibited.
DATE
REVISION DESCRIPTION
07/24/2
.0.0
ProductionRelease



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com