Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRCP-SMDF Datasheet(PDF) 1 Page - Copal Electronics

Part # PRCP-SMDF
Description  Polymer Resettable Circuit Protectors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

PRCP-SMDF Datasheet(HTML) 1 Page - Copal Electronics

  PRCP-SMDF Datasheet HTML 1Page - Copal Electronics PRCP-SMDF Datasheet HTML 2Page - Copal Electronics PRCP-SMDF Datasheet HTML 3Page - Copal Electronics PRCP-SMDF Datasheet HTML 4Page - Copal Electronics PRCP-SMDF Datasheet HTML 5Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Electrical Characteristics
Max. Time
Tripped
I hold
I trip
To Trip
Power
Resistance
Dissipation
Model
Amperes
Ohms
Amperes
Seconds
Watts
V max.
I max.
at 23 °C
Volts
Amps
Hold
Trip
RMin.
R
.
p
y
T
.
x
a
M
1
PRCP-SMDF050
60
10
0.55
1.20
0.200
1.0
2.5
3.0
0.9
Operating Temperature .................................................... -40 °C to +85 °C
Maximum Device Surface Temperature
in Tripped State ..............................................................
Passive Aging....................................................................
...............................................
Humidity Aging ..................................................................
.............................
Thermal Shock ..................................................................
....................................
Solvent Resistance ..........................................................
.................................... No change
Vibration ............................................................................
..........................
Condition A
Environmental Characteristics
Accept/Reject Criterie
t
s
e
T
Visual/Mech.......................................................................
...........................
Resistance ........................................................................
.................................................
.
Time to Trip ......................................................................
..........................
Hold Current ....................................................................
.....................................................
Trip Cycle Life ..................................................................
........................................
Trip Endurance ..................................................................
.....................................................
Solderability ......................................................................
...................................................
UL File Number .......................................................................
E300792
CSA File Number ...................................................................
CA1730526
TÜV Certificate Number .........................................................
R 50075506
Test Procedures And Requirements For Model PRCP-SMDF Series
PRCP-SMDF Series - Polymer Resettable Circuit Protectors
Features
Very low profile
Very fast tripping time
High voltage
RoHS compliant* and halogen free**
2018 footprint
Agency recognition:
Applications
Power Over Ethernet (IEEE 802.3 af) port
protection
Automotive electronic control module
protection
Telecom equipment low voltage
protection
Thermal Derating Chart - Ihold / Itrip (Amps)
Ambient Operating Temperature
Model
-40 C
-20 C
0 C
23 C
40 C
50 C
60 C
70 C
85 C
PRCP-SMDF050
0.87 / 1.90 0.77 / 1.68 0.67 / 1.46 0.55 / 1.20 0.46 / 1.00 0.41 / 0.89
0.36 / 0.79
0.31 / 0.68 0.23 / 0.50
at 23 °C
at 23 °C
at 23 °C
at 23 °C
±5 % typical resistance change
±5 % typical resistance change
±10 % typical resistance change
No change
*RoHS Directive 2002/95/EC Jan. 27, 2003 including annex and RoHS Recast 2011/65/EU June 8, 2011.
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
**COPAL follows the prevailing definition of “halogen free” in the industry.COPAL considers a product to be “halogen free” if (a) the Bromine (Br) content is 900 ppm or less;
(b) the Cholrine(Cl) content is 900 ppm or less; and (c) the total Bromine (Br) and Chlorine (Cl) content is 1500 ppm or less.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Per PRCP physical description
R min ≤ R ≤ R1 max
T ≤ max.time to trip (seconds)
No trip
No arcing or burning
No arcing or burning
95% min. coverage
125 °C
+85 °C, 1000 hours
+85 °C, 85 % R.H. 1000 hours
+85 °C to -40 °C, 20 times
MIL-STD-202, Method 215
MIL-STD-883C, Method 2007.1,
Test Conditions
Verify dimensions and materials
In still air @ 23 °C
At specified current,V max,23 °C
30 min. at I hold
V max,I max,100 cycles
V max,48 hours
ANSI/J-STD-002


Similar Part No. - PRCP-SMDF

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
PRCP-SM COPAL-PRCP-SM Datasheet
1Mb / 5P
Polymer Resettable Circuit Protectors
PRCP-SM030 COPAL-PRCP-SM030 Datasheet
1Mb / 5P
Polymer Resettable Circuit Protectors
PRCP-SM050 COPAL-PRCP-SM050 Datasheet
1Mb / 5P
Polymer Resettable Circuit Protectors
PRCP-SM075 COPAL-PRCP-SM075 Datasheet
1Mb / 5P
Polymer Resettable Circuit Protectors
PRCP-SM100 COPAL-PRCP-SM100 Datasheet
1Mb / 5P
Polymer Resettable Circuit Protectors
More results

Similar Description - PRCP-SMDF

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
CR-CP COPAL-CR-CP Datasheet
286Kb / 2P
CERAMIC RESETTABLE CIRCUIT PROTECTORS
PRCP-MSMF COPAL-PRCP-MSMF Datasheet
1Mb / 6P
Polymer Resettable Circuit Protectors
PRCP-NSMF COPAL-PRCP-NSMF Datasheet
1Mb / 6P
Polymer Resettable Circuit Protectors
PRCP-PSMF COPAL-PRCP-PSMF Datasheet
1Mb / 5P
Polymer Resettable Circuit Protectors
PRCP-R COPAL-PRCP-R Datasheet
1Mb / 7P
Polymer Resettable Circuit Protectors
PRCP-RHT COPAL-PRCP-RHT Datasheet
979Kb / 5P
Polymer Resettable Circuit Protectors
PRCP-RM COPAL-PRCP-RM Datasheet
1Mb / 6P
Polymer Resettable Circuit Protectors
PRCP-RX72 COPAL-PRCP-RX72 Datasheet
1Mb / 6P
Polymer Resettable Circuit Protectors
PRCP-SM COPAL-PRCP-SM Datasheet
1Mb / 5P
Polymer Resettable Circuit Protectors
PRCP-USMF COPAL-PRCP-USMF Datasheet
957Kb / 5P
Polymer Resettable Circuit Protectors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com