Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRCP-SMDF Datasheet(PDF) 5 Page - Copal Electronics

Part # PRCP-SMDF
Description  Polymer Resettable Circuit Protectors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

PRCP-SMDF Datasheet(HTML) 5 Page - Copal Electronics

  PRCP-SMDF Datasheet HTML 1Page - Copal Electronics PRCP-SMDF Datasheet HTML 2Page - Copal Electronics PRCP-SMDF Datasheet HTML 3Page - Copal Electronics PRCP-SMDF Datasheet HTML 4Page - Copal Electronics PRCP-SMDF Datasheet HTML 5Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
PRCP-SMDF SERIES
Date
Rev.
Reason
Revision History
11/02/2005
A
Initial issue
Revision : H
Issue date : 08/19/15
11/04/2005
B
Updated Typical Part Marking
12/12/2005
C
Updated UL, CSA, TÜV File Number
01/14/2009
D
Updated How to Order
04/21/2009
E
Updated Typical Part Marking
08/05/2009
F
Updated Electrical Characteristics, Thermal Derating Chart and Typical Time to Trip at 23 °C
07/26/2011
G
Updated packaging
Quantity of reel was changed from 3000 pcs. per reel to 6000 pcs. per reel.
08/19/2015
H
Updated notice.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com