Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMAP Datasheet(PDF) 1 Page - Copal Electronics

Part # SMAP
Description  Surface Mount Pushbutton Switches
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

SMAP Datasheet(HTML) 1 Page - Copal Electronics

  SMAP Datasheet HTML 1Page - Copal Electronics SMAP Datasheet HTML 2Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
■ SpeciÄcations
Rating
Max.
0.4VA
(28VDC max.)(Resistive load)
Min.
1
μA 20mVDC     (Resistive load)
Initial contact resistance
100m
Ω max. 
(1.5mA 200μ VAC)
Dielectric strength
250VAC 1minute
Initial insulation resistance
500M
Ω min.       (250VDC)
Stroke
1.4mm
Operating force
1.47
±0.98 N
Electrostatic capacity
5pF
max. 10,000 operations at max. rating
Electrical life
30,000 operations at min. rating
Switch timing
Non-shorting
Operating temperature range
−20∼+80℃
Storage temperature range
−40∼+80℃
SMAP
Surface Mount Pushbutton Switches
RoHS Compliant
■ Features
● Compatible with ReÅow Soldering
● Washable
● Gold-Plated Contacts for Low Current Application
● Clip Contact Mechanism for High Contact Reliability
■ Table of Part Numbers
Packaging
speciÄcations
Terminal
styles
Switching
function
Poles
1 pole
2 poles
Stick
PC
ONー(ON) SMAP1F-2M-Z SMAP2F-2M-Z
Right-angle
ONー(ON) SMAP1F-5M-Z SMAP2F-5M-Z
Emboss
taping
Right-angle
ONー(ON) SMAP1F-5M-E-Z SMAP2F-5M-E-Z
■ Optional Accessories
 《Sold separately 》
White
140000481453
Red
140000481452
Black
140000481451
Gray
140000481450
■ Color Cap Mounting
(ON)
:Momentary.
■Packaging SpeciÄcations
Emboss taping
Stick
Cover tape
500 pcs/reel
PC
ℓ=570
50pcs/stick
ℓ=570
50pcs/stick
R/A
Carrier tape
(Only right-angl terms)
Material: ABS resin
Washable


Similar Part No. - SMAP

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
SMAPD CENTRAL-SMAPD Datasheet
502Kb / 3P
SMA Case
More results

Similar Description - SMAP

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
5500 E-SWITCH-5500 Datasheet
288Kb / 3P
PUSHBUTTON SWITCHES
700A E-SWITCH-700A Datasheet
570Kb / 3P
PUSHBUTTON SWITCHES
LC1257EENP E-SWITCH-LC1257EENP Datasheet
287Kb / 3P
PUSHBUTTON SWITCHES
logo
Grayhill, Inc
38HWSP8M7RT GRAYHILL-38HWSP8M7RT Datasheet
343Kb / 4P
Sealed Surface Mount Subminiature Pushbutton Switches
logo
List of Unclassifed Man...
R13-502MA ETC2-R13-502MA Datasheet
107Kb / 4P
Pushbutton Switches
logo
Copal Electronics
CFPA COPAL-CFPA Datasheet
651Kb / 2P
Surface Mount Pushbutton Switches
FP_SERIES COPAL-FP_SERIES Datasheet
765Kb / 3P
Pushbutton Switches
MSP COPAL-MSP Datasheet
607Kb / 1P
Pushbutton Switches
logo
C&K Components
F CK-COMPONENTS-F Datasheet
1Mb / 9P
Pushbutton Switches
29 may 19
PS-12G CK-COMPONENTS-PS-12G_V01 Datasheet
888Kb / 8P
Pushbutton Switches
28 Nov 22
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com