Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMAP Datasheet(PDF) 2 Page - Copal Electronics

Part # SMAP
Description  Surface Mount Pushbutton Switches
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

SMAP Datasheet(HTML) 2 Page - Copal Electronics

  SMAP Datasheet HTML 1Page - Copal Electronics SMAP Datasheet HTML 2Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
■Pad Layouts
(Top view)
(ON)
:Momentary.
(ON)
:Momentary
SMAP
−2M
SMAP
−5M
R/A
R/A
P/C
PC
Terminal numbers are not shown on the switch.
Terminal numbers are not shown on the switch.
The blue line shows the outline of the switch.
・In a single-pole conÄguration, terminals (4), (5) and (6) are
not connected.
(1)
(2)
(3)
(4)
(5)
(6)
4.8
2.3
2.3
1.2
4
■Circuit Diagrams
1 pole
2 poles
■Soldering SpeciÄcations 
(1)
Manual Soldering
Device:Soldering iron
380
°
C
±10°
C; 3
±0.5 seconds
(2)
ReÅow Soldering
Device:Inline or batch system
・Apply reÅow soldering only once
■
Flux Cleaning
(1)
Solvent :Fluorine or Alcohol type
(2)Cleaning after soldering should be
done after the terminal temperature
falls to 90
°
C or below, or after leaving
the switch for Äve minutes or longer at
room temperature.
(3)
Do not use ultrasonic cleaning.
★:Made to order products.
☆:Semi-standard products.
Switching
function
Part No.
Push
☆SMAP1F-2M-Z
ON
(ON)
Connecting terminals
2
−32−1
☆SMAP2F-2M-Z
ON
(ON)
Connecting terminals
2
−3
5
−4
2
−1
5
−6
Switching
function
Part No.
Push
SMAP1F-5M-Z
SMAP1F-5M-E-Z
ON
(ON)
Connecting terminals
2
−32−1
★SMAP2F-5M-Z
★SMAP2F-5M-E-Z
ON
(ON)
Connecting terminals
2
−3
5
−4
2
−1
5
−6
Washable
SMAP



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com