Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLD20D Datasheet(PDF) 5 Page - STMicroelectronics

Part # STLD20D
Description  WHITE LED POWER SUPPLY
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLD20D Datasheet(HTML) 5 Page - STMicroelectronics

  STLD20D Datasheet HTML 1Page - STMicroelectronics STLD20D Datasheet HTML 2Page - STMicroelectronics STLD20D Datasheet HTML 3Page - STMicroelectronics STLD20D Datasheet HTML 4Page - STMicroelectronics STLD20D Datasheet HTML 5Page - STMicroelectronics STLD20D Datasheet HTML 6Page - STMicroelectronics STLD20D Datasheet HTML 7Page - STMicroelectronics STLD20D Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
STLD20D
5/8
FUNCTIONAL DESCRIPTION
1. BOOST CONTROLLER:
The STLD20D is a PWM mode control boost con-
verter operating at 500kHz in discontinuous mode.
An automatic compensation of the oscillation ramp
allows rejection of the battery voltage transient. The
LED constant regulation (referred
figure 4 ) is done
by sensing the LED current through the resistance
RLED (figure 1). The voltage across RLED is used by
the feedback loop of the controller (pin FB).
2. PEAK INDUCTOR CURRENT LIMITATION
AND SOFT START FUNCTION:
An integrated current sensor senses the peak drain current of the switch SW in order to keep the inductor
current below its saturation level. Since the peak drain current exceeds 590mA (if RSET = GND for
STLD20D-C8), the RS flip flop turns off the switch SW. During start up, this peak drain current limitation
acts inherently like a soft start function .
3. PEAK INDUCTOR CURRENT ADJUSTABILITY
(STLD20D-C8 ONLY)
The peak current of the boost inductor should always
be below the saturation current. In order to provide
flexibility in the selection of the inductor, the maxi-
mum peak inductor current can be adjusted by con-
necting a resistor at the pin RSET. The figure 5 gives
the value of the resistance RSET versus the peak in-
ductor current limit ILMAX at 25°C. If a low ripple is es-
pected on the battery voltage bus, then the
maximum peak inductor current should be reduced.
4. SHUTDOWN:
The SHDN pin is a low logic input signal and allows turning off the controller without cutting the input volt-
age from the boost regulator circuit. An integrated LED disconnect switch LDS disconnects the LEDs
branch in shutdown mode .This arrangement allows eliminating the DC current path that normally exists
with traditional boost regulator in shutdown mode.
5. BRIGHTNESS CONTROL:
The brightness of the Led is adjusted by pulsing the shutdown pin with a low frequency PWM signal.
By using such a PWM signal the controller is alternatively ON and OFF and the LED current changes from
full current to zero. The duty cycle allows to regulate the average LED current .
This scheme ensures that when the LEDs are ON they are driven at the full current without risk of color change.
6. OTP:
An integrated temperature sensor senses the temperature of the junction of the controller. when this tem-
perature exceeds 110°C min fixed internally the controller is automatically turned OFF . When the tem-
perature is reduced the operation of the device automatically recovers.
Figure 6: LED current versus input voltage
V(V)
IN
I
(mA)
LED
19.00
19.20
19.40
19.60
19.80
20.00
20.20
20.40
20.60
20.80
21.00
2.5
3
3.5
4
4.5
5
Figure 7: RSET (kΩ) versus ILMAX (A)
I(A)
Lmax
R
= f(I
)
SET
Lmax
R(k )
SET
Ω
0
20
40
60
80
100
120
0.3
0.4
0.5
0.6
0.7
V =3.2V
IN
V =4.2V
IN



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com