Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLD20D Datasheet(PDF) 6 Page - STMicroelectronics

Part # STLD20D
Description  WHITE LED POWER SUPPLY
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLD20D Datasheet(HTML) 6 Page - STMicroelectronics

  STLD20D Datasheet HTML 1Page - STMicroelectronics STLD20D Datasheet HTML 2Page - STMicroelectronics STLD20D Datasheet HTML 3Page - STMicroelectronics STLD20D Datasheet HTML 4Page - STMicroelectronics STLD20D Datasheet HTML 5Page - STMicroelectronics STLD20D Datasheet HTML 6Page - STMicroelectronics STLD20D Datasheet HTML 7Page - STMicroelectronics STLD20D Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
STLD20D
6/8
7. OVER VOLTAGE PROTECTION (OVP):
In case of failure and if the LED branch is cut, then there is no signal at the feedback pin FB (
figure 1), the
PWM controller will then switches with a maximum duty cycle. This will generate a voltage at the pin SW
and VOUT that can exceed the maximum rating of the device. The overvoltage protection bloc senses the
output voltage at the pin VOUT (figure 1). If the voltage exceeds 18.5Vdc typical the controller is automat-
ically turned OFF. When the voltage is reduced of 0.7V, the operation of the device automatically recovers.
8. EFFICIENCY (
Figure 1 & 2)
The efficiency takes into account these following losses:
RLED ohmic losses
Boost switch SW losses
LED disconnect switch LDS
Boost inductor losses
Boost diode losses
Total driver consumption.
Figure 8: SOT23-8L Package Mechanical Data
E1
D
A2
A
L
GAUGE PLANE
SEATING PLANE
<
A1
c
0.25
e1
e
b
c
E
REF.
DIMENSIONS
Millimeters
Inches
Min.
Max.
Min.
Max.
A1.45
0.057
A1
0.15
0.006
A2
0.90
1.30
0.035
0.051
b
0.22
0.38
0.008
0.015
c
0.08
0.22
0.003
0.008
D
2.80
3
0.110
0.118
E
2.60
3
1.102
0.118
E1
1.50
1.75
0.059
0.069
e
0.65 typ.
0.026 typ.
e1
1.95 typ.
0.077 typ.
L
0.30
0.60
0.012
0.024
<
0°8°0°8°



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com