Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FTPD-1 Datasheet(PDF) 6 Page - Future Technology Devices International Ltd.

Part # FTPD-1
Description  Full-Speed USB to UART converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FTPD-1 Datasheet(HTML) 6 Page - Future Technology Devices International Ltd.

Back Button FTPD-1 Datasheet HTML 2Page - Future Technology Devices International Ltd. FTPD-1 Datasheet HTML 3Page - Future Technology Devices International Ltd. FTPD-1 Datasheet HTML 4Page - Future Technology Devices International Ltd. FTPD-1 Datasheet HTML 5Page - Future Technology Devices International Ltd. FTPD-1 Datasheet HTML 6Page - Future Technology Devices International Ltd. FTPD-1 Datasheet HTML 7Page - Future Technology Devices International Ltd. FTPD-1 Datasheet HTML 8Page - Future Technology Devices International Ltd. FTPD-1 Datasheet HTML 9Page - Future Technology Devices International Ltd. FTPD-1 Datasheet HTML 10Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
6
C opyright ©
2015 Future Technology Devices International Limited
FTPD-1 FTDI Programmer Debugger 1 Module Datasheet
Version 1.0
Document Ref erence No.: FT_001263
Clearance No.: FTDI# 480
4.2 Signal Descriptions
Pin No.
Name
Type
Description
CN2-1
NC
Not Connected
Floating pin.
CN2-2
VSW
Power Out
5 volt power output. Outputs power sources from the USB bus when
the FT230X has enumerated.
CN2-3
RESET#
Signal Output
Active low reset output.
CN2-4
PROG#
Signal Output
Active low PROG# output..
CN2-5
DBG
Signal Input/output
Half-duplex UART data pin.
CN2-6
GND
Ground
0V Ground.
Table 1 - Module Pin Out Description
Pin No.
Name
Type
Description
CN1-1
VBUS
Power
5 volt power input.
CN1-2
DM
Signal Input/Output
USB Data - from upstream device
CN1-3
DP
Signal Input/Output
USB Data + from upstream device
CN1-4
GND
Ground
0 volt ground.
Table 2 - Upstream USB Port Pin Out Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com