Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FTPD-1 Datasheet(PDF) 1 Page - Future Technology Devices International Ltd.

Part # FTPD-1
Description  Full-Speed USB to UART converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FTPD-1 Datasheet(HTML) 1 Page - Future Technology Devices International Ltd.

  FTPD-1 Datasheet HTML 1Page - Future Technology Devices International Ltd. FTPD-1 Datasheet HTML 2Page - Future Technology Devices International Ltd. FTPD-1 Datasheet HTML 3Page - Future Technology Devices International Ltd. FTPD-1 Datasheet HTML 4Page - Future Technology Devices International Ltd. FTPD-1 Datasheet HTML 5Page - Future Technology Devices International Ltd. FTPD-1 Datasheet HTML 6Page - Future Technology Devices International Ltd. FTPD-1 Datasheet HTML 7Page - Future Technology Devices International Ltd. FTPD-1 Datasheet HTML 8Page - Future Technology Devices International Ltd. FTPD-1 Datasheet HTML 9Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
N either the whole nor any part of the information c ontained in, or the produc t des c ribed in this manual, may be adapted or
reproduc ed in any material or elec tronic form without the prior written c ons ent of the c opyright holder. T his produc t and its
doc umentation are s upplied on an as -is basis and no warranty as to their s uitability for any partic ular purpose is either made
or implied. Future T echnology Devices I nternational Ltd will not ac c ept any c laim for damages hows oever aris ing as a res ult
of us e or failure of this produc t. Y our s tatutory rights are not affec ted. T his product or any variant of it is not intended for use
in any medic al applianc e, devic e or s ys tem in whic h the failure of the produc t might reas onably be expec ted to res ult in
pers onal injury. T his doc ument provides preliminary information that may be s ubject to c hange without notice. N o freedom to
us e patents or other intellectual property rights is implied by the public ation of this doc ument. Future T ec hnology Devic es
I nternational Ltd, U nit 1 , 2 Seaward P lace, C enturion Business P ark, Glasgow G4 1 1 HH U nited Kingdom. Sc otland Regis tered
C ompany N umber: SC 1 3 6 6 4 0
Copyright © 2015 Future Technology Devices International Limited
1
FTPD-1 FTDI Programmer Debugger 1 Module Datasheet
Version 1.0
Document Ref erence No.: FT_001263
Clearance No.: FTDI# 480
Future Technology
Devices International
Ltd
FTPD-1 FTDI Programmer
Debugger 1 Module
Datasheet
FTPD-1 is a module used for programming and debugging.
1.
Introduction
The FTPD-1 is a module with a FT230X USB to
UART converter and a dual buffer. The FTPD-1
utilises these components to generate a single
line half-duplex UART signal with no handshake
which can be used to program several of FTDI’s
MCU devices, predominantly FT51A.
This module also provides a switched 5V power
supply to the target device and is configured
such that it does not infringe USB compliance
regulations for supplying bus power.
FTPD-1’s board dimensions are the same as a
credit card; however the fitted components give
it additional height. The module is supplied with
a berg connector ribbon cable; however it is
compatible for operation with pogo pin cables.
All components used, including the FT230X are
Pb-free (RoHS compliant).
1.1
Features
The FTPD-1 has the following features:
 Full-Speed USB to UART converter
 Single half-duplex UART data pin input/output
 Two dedicated GPIOs to control Reset# and Prog#
outputs
 TXDEN line to control the direction of the half-
duplex UART data
 PWREN# line to control the power supply
 2X3 way 2.54mm pitch shrouded male header
 150mm ribbon cable with Female to Female
2.54mm pitch 2x3 way connectors
 Protected by resettable fuse with 0.5A hold current
and schottky diode on the output power line.
 Pogo pin compatible
 Power output available, indication LED


Similar Part No. - FTPD-1

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
FTP-020 FUJITSU-FTP-020 Datasheet
207Kb / 3P
THERMO-SENSITIVE PAPER
FTP-020P001 FUJITSU-FTP-020P001 Datasheet
207Kb / 3P
THERMO-SENSITIVE PAPER
FTP-020P0020 FUJITSU-FTP-020P0020 Datasheet
207Kb / 3P
THERMO-SENSITIVE PAPER
FTP-020P0104 FUJITSU-FTP-020P0104 Datasheet
207Kb / 3P
THERMO-SENSITIVE PAPER
FTP-020P0704 FUJITSU-FTP-020P0704 Datasheet
207Kb / 3P
THERMO-SENSITIVE PAPER
More results

Similar Description - FTPD-1

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR21V1410 EXAR-XR21V1410 Datasheet
623Kb / 23P
1-CH FULL-SPEED USB UART
XR21V1412 EXAR-XR21V1412 Datasheet
643Kb / 24P
2-CH FULL-SPEED USB UART
XR21V1414 EXAR-XR21V1414 Datasheet
685Kb / 26P
4-CH FULL-SPEED USB UART
XR21V1410 EXAR-XR21V1410_10 Datasheet
267Kb / 27P
1-CH FULL-SPEED USB UART
XR21V1412 EXAR-XR21V1412_10 Datasheet
288Kb / 30P
2-CH FULL-SPEED USB UART
XR21V1414 EXAR-XR21V1414_10 Datasheet
306Kb / 32P
4-CH FULL-SPEED USB UART
XR21V1410IL-0A-EB EXAR-XR21V1410IL-0A-EB Datasheet
273Kb / 28P
1-CH FULL-SPEED USB UART
XR21V1410IL16-F EXAR-XR21V1410IL16-F Datasheet
278Kb / 28P
1-CH FULL-SPEED USB UART
XR21V1410IL-0C-EB EXAR-XR21V1410IL-0C-EB Datasheet
381Kb / 30P
1-CH FULL-SPEED USB UART
XR21V1412IL-0A EXAR-XR21V1412IL-0A Datasheet
397Kb / 32P
2-CH FULL-SPEED USB UART
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com