Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NERO-LP1 Datasheet(PDF) 4 Page - Future Technology Devices International Ltd.

Part # NERO-LP1
Description  16MHz ATmega328 32-pin TQFP package microcontroller.
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

NERO-LP1 Datasheet(HTML) 4 Page - Future Technology Devices International Ltd.

  NERO-LP1 Datasheet HTML 1Page - Future Technology Devices International Ltd. NERO-LP1 Datasheet HTML 2Page - Future Technology Devices International Ltd. NERO-LP1 Datasheet HTML 3Page - Future Technology Devices International Ltd. NERO-LP1 Datasheet HTML 4Page - Future Technology Devices International Ltd. NERO-LP1 Datasheet HTML 5Page - Future Technology Devices International Ltd. NERO-LP1 Datasheet HTML 6Page - Future Technology Devices International Ltd. NERO-LP1 Datasheet HTML 7Page - Future Technology Devices International Ltd. NERO-LP1 Datasheet HTML 8Page - Future Technology Devices International Ltd. NERO-LP1 Datasheet HTML 9Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Copyright © 2016 Future Technology Devices International Limited
4
NerO Module Datasheet
Version 1.0
Doc ument Reference N o.: FT _001285
C learance N o.: FT DI#4 85
Table of Contents
1 Introduction ................................................................. 1
1.1
Features ................................................................................ 1
2 Ordering Information.................................................... 2
3 Program Support .......................................................... 3
4 Board Layout ................................................................ 5
4.1
Power Supply......................................................................... 6
4.2
Micro-controller ..................................................................... 7
4.3
USB to Serial UART Converter ................................................. 8
4.4
External I/O Port ................................................................... 8
5 Devices Characteristics and Ratings............................. 11
5.1
Electrical Parameters ............................................................11
6 Board Schematic......................................................... 12
7 Block Diagram ............................................................ 13
8 Mechanical Dimensions ............................................... 14
8.1
NerO PCB Dimensions ...........................................................14
9 Contact Information.................................................... 15
Appendix A – References ................................................. 16
Document References ...................................................................16
Acronyms and Abbreviations .........................................................16
AppendixB – List of Figures and Tables............................. 17
List of Tables ................................................................................17
List of Figures ...............................................................................17
Appendix C – Revision History.......................................... 18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com