Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NERO-LP1 Datasheet(PDF) 9 Page - Future Technology Devices International Ltd.

Part # NERO-LP1
Description  16MHz ATmega328 32-pin TQFP package microcontroller.
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

NERO-LP1 Datasheet(HTML) 9 Page - Future Technology Devices International Ltd.

Back Button NERO-LP1 Datasheet HTML 5Page - Future Technology Devices International Ltd. NERO-LP1 Datasheet HTML 6Page - Future Technology Devices International Ltd. NERO-LP1 Datasheet HTML 7Page - Future Technology Devices International Ltd. NERO-LP1 Datasheet HTML 8Page - Future Technology Devices International Ltd. NERO-LP1 Datasheet HTML 9Page - Future Technology Devices International Ltd. NERO-LP1 Datasheet HTML 10Page - Future Technology Devices International Ltd. NERO-LP1 Datasheet HTML 11Page - Future Technology Devices International Ltd. NERO-LP1 Datasheet HTML 12Page - Future Technology Devices International Ltd. NERO-LP1 Datasheet HTML 13Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
Copyright © 2016 Future Technology Devices International Limited
9
NerO Module Datasheet
Version 1.0
Doc ument Reference N o.: FT _001285
C learance N o.: FT DI#4 85
Pin No
Pin Name
Description
1
SCL
I2C Serial Bus, clock line
2
SDA
I2C Serial Bus, data line
3
AREF
Analog Reference pin for ADC
4
GND
Ground
5
13
GPIO 13
6
12
GPIO 12
7
11
GPIO 11/ PWM
8
10
GPIO 10/ PWM
9
9
GPIO 9/ PWM
10
8
GPIO 8
Table 3 - Pin Mapping of CN5
Table 4 - Pin Mapping of CN7lists the entire pin mapping on CN7
Pin No
Pin Name
Description
1
7
GPIO 7
2
6
GPIO 6/ PWM
3
5
GPIO 5/ PWM
4
4
GPIO 4
5
3
GPIO 3/ PWM
6
2
GPIO 2
7
1
GPIO 1
8
0
GPIO 0
Table 4 - Pin Mapping of CN7
Table 5 - Pin Mapping of CN6 lists the entire pin mapping on CN6
Pin No
Pin Name
Description
1
A5
Analog input 5
2
A4
Analog input 4
3
A3
Analog input 3
4
A2
Analog input 2
5
A1
Analog input 1
6
A0
Analog input 0
Table 5 - Pin Mapping of CN6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com