Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPD2214ACPZ-R7 Datasheet(PDF) 6 Page - Analog Devices

Part # ADPD2214ACPZ-R7
Description  Low Noise, High Sensitivity Optical Sensor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD2214ACPZ-R7 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADPD2214ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADPD2214ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADPD2214ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADPD2214ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADPD2214ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADPD2214ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADPD2214ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADPD2214ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADPD2214ACPZ-R7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Data Sheet
ADPD2214
Rev. 0 | Page 5 of 13
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
Figure 3. Pin Configuration
Table 5. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
NIC
Not Internally Connected. This pin can be grounded.
2
NIC
Not Internally Connected. This pin can be grounded.
3
NIC
Not Internally Connected. This pin can be grounded.
4
VCC
Supply Voltage.
5
PWDN
Power-Down Input. Must be connected. Pull this pin high to disable the device.
6
GND
Ground.
7
OUT
Output Terminal.
8
NIC
Not Internally Connected. This pin can be grounded.
9
NIC
Not Internally Connected. This pin can be grounded.
10
NIC
Not Internally Connected. This pin can be grounded.
11
EPAD
Exposed Pad. The exposed pad must be left floating. The printed circuit board (PCB) area under the exposed pad
can be left blank to facilitate this requirement.
ADPD2214
TOP VIEW
(Not to Scale)
NOTES
1. NIC = NOT INTERNALLY CONNECTED.
2. THE EXPOSED PAD MUST BE LEFT FLOATING.
THE PCB AREA UNDER THE EXPOSED PAD
CAN BE LEFT BLANK TO FACILITATE
THIS REQUIREMENT.
1
NIC
2
NIC
3
NIC
4
VCC
5
PWDN
10 NIC
9
NIC
8
NIC
7
OUT
6
GND
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com