Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPD2214ACPZ-R7 Datasheet(PDF) 13 Page - Analog Devices

Part # ADPD2214ACPZ-R7
Description  Low Noise, High Sensitivity Optical Sensor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD2214ACPZ-R7 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADPD2214ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADPD2214ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADPD2214ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADPD2214ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADPD2214ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADPD2214ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADPD2214ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADPD2214ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADPD2214ACPZ-R7 Datasheet HTML 14Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
ADPD2214
Data Sheet
Rev. 0 | Page 12 of 13
EVALUATION BOARD SCHEMATIC AND LAYOUT
Figure 15 shows the evaluation board schematic. Figure 13 and
Figure 14 show the evaluation board layout for the top and
bottom layers, respectively.
Figure 13. ADPD2214 Evaluation Board Top Layer
Figure 14. ADPD2214 Evaluation Board Bottom Layer
Figure 15. ADPD2214 Evaluation Board Schematic (Do Not Install C3C)
EVALZ-ADPD2214
U1C
1
3
5
4
7
10
PWDN
NIC
NIC
VCC
GND
NIC
2
8
9
NIC
VCC
PWDN
GND
OUT
NIC
NIC
OUT
EPAD
R1C
100kΩ
R2C
100kΩ
C2C
1µF
C3C
0.01µF
DNI
DNI
C1C
0.01µF
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com