Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSM115 Datasheet(PDF) 13 Page - STMicroelectronics

Part # TSM115
Description  3.3V 5V 짹12V Housekeeping IC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSM115 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button TSM115 Datasheet HTML 9Page - STMicroelectronics TSM115 Datasheet HTML 10Page - STMicroelectronics TSM115 Datasheet HTML 11Page - STMicroelectronics TSM115 Datasheet HTML 12Page - STMicroelectronics TSM115 Datasheet HTML 13Page - STMicroelectronics TSM115 Datasheet HTML 14Page - STMicroelectronics TSM115 Datasheet HTML 15Page - STMicroelectronics TSM115 Datasheet HTML 16Page - STMicroelectronics TSM115 Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
Electrical Characteristics
TSM115
13/17
13 - Vcc turn on, OVP function, Remote On/Off
Vcc
V5
Gnd
V-12
Rem
Bsense
Trem/Tsur
Fault
PG
Tuv/Tpg
Tpg
10µA
Uvp
Tuv
Vtuv
Vtpg
PG
Tdelay
Tpg
100µA
5µA
Ovp
Uvp
Tuv
Vtuv
Vtpg



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com