Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSM115 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TSM115
Description  3.3V 5V 짹12V Housekeeping IC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSM115 Datasheet(HTML) 1 Page - STMicroelectronics

  TSM115 Datasheet HTML 1Page - STMicroelectronics TSM115 Datasheet HTML 2Page - STMicroelectronics TSM115 Datasheet HTML 3Page - STMicroelectronics TSM115 Datasheet HTML 4Page - STMicroelectronics TSM115 Datasheet HTML 5Page - STMicroelectronics TSM115 Datasheet HTML 6Page - STMicroelectronics TSM115 Datasheet HTML 7Page - STMicroelectronics TSM115 Datasheet HTML 8Page - STMicroelectronics TSM115 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
July 2004
1/17
s
Over voltage and under voltage protection
for 3.3V +5V and ±12V without external
components
s
Over current protection for 3.3V 5V and
12V with external components
s
Under voltage blanking fonction
s
Power good input/output
s
Externally adjustable PG delay
s
Fault output
s
Remote output
s
Externally adjustable remote delay
s
2kV ESD protection
DESCRIPTION
The TSM115 integrated circuit incorporates all
sensing circuitry to protect from over and under
voltage and over current a multiple output power
supply (3.3V, +5V and ±12V).
TSM115 incorporates all the necessary functions
for Housekeeping features which allow safe
operation in all conditions, and very high system
integration.
APPLICATION
s
PC SMPS Multiple Power Line
Housekeeping IC (3.3V +5V ±12V)
PIN CONNECTIONS (top view)
ORDER CODE
N
DIP-20
(Plastic Package)
D
SO-20
(Plastic Micropackage)
Fault
Gnd
PG
Tuv/Tpg
Rem
Trem/Tsur Vs-12
Bsense
1
2
3
4
5
6
7
8
Vcc
Is3.3
Rcrnt
Vs3.3
Is12
Vs12b
Is5
Vs5
9
10
11
12
13
14
15
16
17
18
19
20
Vs12a
nc
nc
nc
Part Number
Temperature Range
Package
Packaging
Marking
TSM115CN
0 to 95°C
DIP
Tube
TSM115C
TSM115CD
SO
Tube or Tape & Reel
M115
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to change without notice.
TSM115
PRELIMINARY DATA
3.3V
+5V ±12V Housekeeping IC


Similar Part No. - TSM115

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM110N06 TSC-TSM110N06 Datasheet
107Kb / 6P
55V N-Channel Power MOSFET
TSM110N06CZC0 TSC-TSM110N06CZC0 Datasheet
107Kb / 6P
55V N-Channel Power MOSFET
TSM110NB04CR TSC-TSM110NB04CR Datasheet
310Kb / 6P
N-Channel Power MOSFET 40V, 54A, 11m廓
TSM110NB04LCR TSC-TSM110NB04LCR Datasheet
311Kb / 6P
N-Channel Power MOSFET 40V, 54A, 11m廓
logo
STMicroelectronics
TSM111 STMICROELECTRONICS-TSM111 Datasheet
154Kb / 18P
TRIPLE VOLTAGE AND CURRENT SUPERVISOR
May-1999
More results

Similar Description - TSM115

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSM112 STMICROELECTRONICS-TSM112 Datasheet
85Kb / 7P
3.3V 5V 12V HOUSEKEEPING IC
Jan-2001
logo
Maxim Integrated Produc...
MAX742 MAXIM-MAX742 Datasheet
143Kb / 12P
Switch-Mode Regulator with 5V to 짹12V or 짹15V Dual Output
19-3105; Rev 2; 8/96
logo
STMicroelectronics
TSM121 STMICROELECTRONICS-TSM121 Datasheet
136Kb / 12P
SINGLE CHIP PWM & HOUSEKEEPING IC FOR HALF BRIDGE SMPS
Jan-2001
logo
Golledge Electronics Lt...
GVXO34 GOLLEDGE-GVXO34 Datasheet
69Kb / 1P
3.3V & 5V VCXO
logo
Dallas Semiconductor
DS1836 DALLAS-DS1836 Datasheet
169Kb / 9P
3.3V/5V MicroManager
logo
STMicroelectronics
TSM1121 STMICROELECTRONICS-TSM1121 Datasheet
136Kb / 11P
3.3V 5V 12V HOUSEKEEPING IC
May-2003
TSM114 STMICROELECTRONICS-TSM114 Datasheet
166Kb / 14P
3.3V 5V 짹12V Housekeeping IC
Oct-2004
logo
Maxim Integrated Produc...
DS1836 MAXIM-DS1836 Datasheet
173Kb / 9P
3.3V/5V MicroManager
121906
MAXREFDES9 MAXIM-MAXREFDES9 Datasheet
353Kb / 8P
3.3V to 15V Input, 짹15V (짹12V) Output, Isolated Power Supply
Oct 25, 2012
REFD5510 MAXIM-REFD5510 Datasheet
137Kb / 5P
Lakewood (MAXREFDES7#): 3.3V Input, 짹12V (짹15V) Output Isolated Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com