Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSM111 Datasheet (PDF) - STMicroelectronics

TSM111 Datasheet PDF - STMicroelectronics
Part # TSM111
Download  TSM111 Download
File Size   154.75 Kbytes
Page   18 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description TRIPLE VOLTAGE AND CURRENT SUPERVISOR

TSM111 Datasheet (PDF)

Go To PDF Page Download Datasheet
TSM111 Datasheet PDF - STMicroelectronics

Part # TSM111
Download  TSM111 Click to download

File Size   154.75 Kbytes
Page   18 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description TRIPLE VOLTAGE AND CURRENT SUPERVISOR

TSM111 Datasheet (HTML) - STMicroelectronics


TSM111 Product details

DESCRIPTION

The TSM111 integrated circuit incorporates all sensing circuit to control a triple output power supply. It includes voltage references , comparators and matched resistors bridge for overcurrent and overvoltage detection without the need of any external components. Timing generator with external capacitors, control turn On and Off delays. It provides an integrated and cost effective solution for simultaneous multiple voltage control.



■OVERVOLTAGE PROTECTION FOR 3.3V, 5V AND 12V WITHOUT EXTERNAL COMPONENTS

■OVERCURRENT PROTECTION FOR 3.3V, 5V AND 12V WITH INTERNAL THRESHOLD VOLTAGE

■POWER GOOD CIRCUITRY

■GENERATES POWER GOOD SIGNAL

■REMOTE ON/OFF FUNCTION

■PROGRAMMABLE TIMING FOR POWER GOOD SIGNAL

■14.5V TO 36V SUPPLY VOLTAGE RANGE

■TWO 1.6% VOLTAGE REFERENCES FOR MAIN AND AUXILIARY CONVERTER REGULATION LOOPS




Similar Part No. - TSM111

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSM111 STMICROELECTRONICS-TSM111 Datasheet
789Kb / 17P
TRIPLE VOLTAGE AND CURRENT SUPERVISOR
Jan-2003
TSM111CD STMICROELECTRONICS-TSM111CD Datasheet
789Kb / 17P
TRIPLE VOLTAGE AND CURRENT SUPERVISOR
Jan-2003
TSM111 STMICROELECTRONICS-TSM111_03 Datasheet
789Kb / 17P
TRIPLE VOLTAGE AND CURRENT SUPERVISOR
Jan-2003
More results


Similar Description - TSM111

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL7757 TI-TL7757 Datasheet
155Kb / 11P
SUPPLY-VOLTAGE SUPERVISOR AND PRECISION VOLTAGE DETECTOR
logo
Intersil Corporation
X40030 INTERSIL-X40030 Datasheet
322Kb / 21P
Triple Voltage Monitor with Intergrated CPU Supervisor
April 28, 2005
X40430 INTERSIL-X40430 Datasheet
381Kb / 24P
Triple Voltage Monitor with Integrated CPU Supervisor
July 29, 2005
logo
STMicroelectronics
TSM111 STMICROELECTRONICS-TSM111_03 Datasheet
789Kb / 17P
TRIPLE VOLTAGE AND CURRENT SUPERVISOR
Jan-2003
logo
Intersil Corporation
X40030 INTERSIL-X40030_06 Datasheet
354Kb / 24P
Triple Voltage Monitor with Integrated CPU Supervisor
May 25, 2006
X40430 INTERSIL-X40430_06 Datasheet
405Kb / 26P
Triple Voltage Monitor with Integrated CPU Supervisor
May 24, 2006
X40030 INTERSIL-X40030_13 Datasheet
344Kb / 23P
Triple Voltage Monitor with Integrated CPU Supervisor
August 25, 2008
logo
Texas Instruments
TL7757 TI1-TL7757_14 Datasheet
578Kb / 20P
SUPPLY-VOLTAGE SUPERVISOR AND PRECISION VOLTAGE DETECTOR
logo
Renesas Technology Corp
X40030 RENESAS-X40030 Datasheet
917Kb / 23P
Triple Voltage Monitor with Integrated CPU Supervisor
X40430 RENESAS-X40430 Datasheet
1,014Kb / 26P
4Kbit EEPROM Triple Voltage Monitor with Integrated CPU Supervisor
May 24, 2006
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com