Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSM111 Datasheet(PDF) 2 Page - STMicroelectronics

Part # TSM111
Description  TRIPLE VOLTAGE AND CURRENT SUPERVISOR
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSM111 Datasheet(HTML) 2 Page - STMicroelectronics

  TSM111 Datasheet HTML 1Page - STMicroelectronics TSM111 Datasheet HTML 2Page - STMicroelectronics TSM111 Datasheet HTML 3Page - STMicroelectronics TSM111 Datasheet HTML 4Page - STMicroelectronics TSM111 Datasheet HTML 5Page - STMicroelectronics TSM111 Datasheet HTML 6Page - STMicroelectronics TSM111 Datasheet HTML 7Page - STMicroelectronics TSM111 Datasheet HTML 8Page - STMicroelectronics TSM111 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VCC
DC Supply Voltage pin 5 - note 1
44
V
Iout
Output Current Power Good and PWM
30
mA
Pd
Power Dissipation
1
W
Tstg
Storage Temperature Range
-55 to +150
oC
ESD
Electrostatic Discharge
2
kV
Iin
Input Current
50
mA
Note : 1.
Al l vol tages val ues, except dif ferenti al voltage, are w ith respect to netw ork ground terminal.
SCHEMATIC DIAGRAM
OPERATING CONDITIONS
Symbol
Parameter
Value
Unit
VCC
DC Supply Voltage pin 5 - note 2
15 to 36
V
Toper
Operating Free Air Temperature Range
0 to +70
oC
Ik
Operating Cathode Current, Vrefaux and Vrefmain
30
mA
Note :
2. The D C supply voltage must be higher than t he maxi mum vol tage applied on the 3.3, 5, 12V inputs
(I s3.3, Is5, Is12) plus 2V.
For example, if 13.2V is present on the I s12 input, the mi nimum required value on VCC is 15.2V .
TSM111
2/18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com