Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSM111 Datasheet(PDF) 12 Page - STMicroelectronics

Part # TSM111
Description  TRIPLE VOLTAGE AND CURRENT SUPERVISOR
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSM111 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button TSM111 Datasheet HTML 8Page - STMicroelectronics TSM111 Datasheet HTML 9Page - STMicroelectronics TSM111 Datasheet HTML 10Page - STMicroelectronics TSM111 Datasheet HTML 11Page - STMicroelectronics TSM111 Datasheet HTML 12Page - STMicroelectronics TSM111 Datasheet HTML 13Page - STMicroelectronics TSM111 Datasheet HTML 14Page - STMicroelectronics TSM111 Datasheet HTML 15Page - STMicroelectronics TSM111 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
No
Part Number
Qt
No
Part Number
Qt
Capacitors
Resistors
27
47UF/25V
1
52
20K
1
28
3.9NF
1
53
47K,3W
1
29
.47UF/16V
1
54
100K,1/2W
2
30
1NF
2
55
5.1K
1
31
100UF/25
1
56
3 MOHM
1
32
.22UF/250V A.C
2
57
1OR
2
33
1000UF/10V
2
58
10 MOHM
1
34
3300UF/10
1
59
4.7K
5
35
470UF/16V
2
60
68K
1
36
2.2NF
2
61
680R
1
37
2.2UF/16
1
62
39K
1
38
470UF/25V
1
63
3.1K
1
39
4.7NF
4
64
470K
1
40
47UF/16V
1
65
100R
1
41
100UF/25V
3
66
10K
4
42
100UF/25V
1
67
3.3K
1
43
47NF
3
68
5 MOHM
1
44
220UF/200V
2
69
1K
1
45
1000UF/25V
1
70
330R
1
46
2.2UF
1
71
10,1/4W
2
47
1.5NF
1
72
470R
1
48
10NF
1
73
0.68
2
49
.1UF
1
74
6.8K
2
50
3.3NF
1
51
56NF
1
** BI Technolo ies Pte Lte
Phone No: 65 249-1115
F ax No: 65 445-1983
Attn: Kelvi n Lim, Sales Dept
.... continued BILL OF MATERIAL
TSM111
12/18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com