Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSM111 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TSM111
Description  TRIPLE VOLTAGE AND CURRENT SUPERVISOR
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSM111 Datasheet(HTML) 1 Page - STMicroelectronics

  TSM111 Datasheet HTML 1Page - STMicroelectronics TSM111 Datasheet HTML 2Page - STMicroelectronics TSM111 Datasheet HTML 3Page - STMicroelectronics TSM111 Datasheet HTML 4Page - STMicroelectronics TSM111 Datasheet HTML 5Page - STMicroelectronics TSM111 Datasheet HTML 6Page - STMicroelectronics TSM111 Datasheet HTML 7Page - STMicroelectronics TSM111 Datasheet HTML 8Page - STMicroelectronics TSM111 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
TRIPLE VOLTAGE AND CURRENT SUPERVISOR
®
.
OVERVOLTAGE PROTECTION FOR 3.3V, 5V
AND
12V
WITHOUT
EXTERNAL
COMPONENTS
.
OVERCURRENT PROTECTION FOR 3.3V, 5V
AND 12V WITH INTERNAL THRESHOLD
VOLTAGE
.
POWER GOOD CIRCUITRY
.
GENERATES POWER GOOD SIGNAL
.
REMOTE ON/OFF FUNCTION
.
PROGRAMMABLE
TIMING
FOR
POWER
GOOD SIGNAL
.
14.5V TO 36V SUPPLY VOLTAGE RANGE
.
TWO 1.6% VOLTAGE REFERENCES FOR
MAIN
AND
AUXILIARY
CONVERTER
REGULATION LOOPS
DESCRIPTION
The TSM111 integrated circuit incorporates all
sensing circuit to control a triple output power sup-
ply. It includes voltage references , comparatorsand
matched resistors bridge for overcurrent and over-
voltage detection without the need of any external
components.Timing generatorwith external capaci-
tors, control turn On and Off delays. It provides an
integrated and cost effective solution for simultane-
ous multiple voltage control.
APPLICATIONS
This circuit is designedto be used in SMPS forDesk-
top PC, to supervise currents and voltages of all out-
puts and generate power good information to the
system while managing all timing during transitory
operation.
The IC also manages the standby mode of SMPS
while the PC is in sleep mode.
ORDER CODES
Part
Number
Temperature
Range
Package
ND
TSM111C
0, +70
oC
••
Example : TSM111CD
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
Vs33
Vs5
Vs12
ADJ
Vcc
PWM
REM
Tre m
PG
Tpor
Is33
Is5
Is12
Ts ur
GND
FbMAIN
VrefMAIN
VrefAUX
FbAUX
UV
PIN CONNECTIONS (top view)
TSM111
May 1999
N
DIP20
(Plastic Package)
D
SO20
(Plastic Micropackage)
1/18


Similar Part No. - TSM111

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSM111 STMICROELECTRONICS-TSM111 Datasheet
789Kb / 17P
TRIPLE VOLTAGE AND CURRENT SUPERVISOR
Jan-2003
TSM111CD STMICROELECTRONICS-TSM111CD Datasheet
789Kb / 17P
TRIPLE VOLTAGE AND CURRENT SUPERVISOR
Jan-2003
TSM111 STMICROELECTRONICS-TSM111_03 Datasheet
789Kb / 17P
TRIPLE VOLTAGE AND CURRENT SUPERVISOR
Jan-2003
More results

Similar Description - TSM111

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL7757 TI-TL7757 Datasheet
155Kb / 11P
SUPPLY-VOLTAGE SUPERVISOR AND PRECISION VOLTAGE DETECTOR
logo
Intersil Corporation
X40030 INTERSIL-X40030 Datasheet
322Kb / 21P
Triple Voltage Monitor with Intergrated CPU Supervisor
April 28, 2005
X40430 INTERSIL-X40430 Datasheet
381Kb / 24P
Triple Voltage Monitor with Integrated CPU Supervisor
July 29, 2005
logo
STMicroelectronics
TSM111 STMICROELECTRONICS-TSM111_03 Datasheet
789Kb / 17P
TRIPLE VOLTAGE AND CURRENT SUPERVISOR
Jan-2003
logo
Intersil Corporation
X40030 INTERSIL-X40030_06 Datasheet
354Kb / 24P
Triple Voltage Monitor with Integrated CPU Supervisor
May 25, 2006
X40430 INTERSIL-X40430_06 Datasheet
405Kb / 26P
Triple Voltage Monitor with Integrated CPU Supervisor
May 24, 2006
X40030 INTERSIL-X40030_13 Datasheet
344Kb / 23P
Triple Voltage Monitor with Integrated CPU Supervisor
August 25, 2008
logo
Texas Instruments
TL7757 TI1-TL7757_14 Datasheet
578Kb / 20P
SUPPLY-VOLTAGE SUPERVISOR AND PRECISION VOLTAGE DETECTOR
logo
Renesas Technology Corp
X40030 RENESAS-X40030 Datasheet
917Kb / 23P
Triple Voltage Monitor with Integrated CPU Supervisor
X40430 RENESAS-X40430 Datasheet
1,014Kb / 26P
4Kbit EEPROM Triple Voltage Monitor with Integrated CPU Supervisor
May 24, 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com