Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSM111 Datasheet(PDF) 15 Page - STMicroelectronics

Part # TSM111
Description  TRIPLE VOLTAGE AND CURRENT SUPERVISOR
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSM111 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button TSM111 Datasheet HTML 10Page - STMicroelectronics TSM111 Datasheet HTML 11Page - STMicroelectronics TSM111 Datasheet HTML 12Page - STMicroelectronics TSM111 Datasheet HTML 13Page - STMicroelectronics TSM111 Datasheet HTML 14Page - STMicroelectronics TSM111 Datasheet HTML 15Page - STMicroelectronics TSM111 Datasheet HTML 16Page - STMicroelectronics TSM111 Datasheet HTML 17Page - STMicroelectronics TSM111 Datasheet HTML 18Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
loads charging) are blanked for a time dependingon
each application.
When the system has latched (either after overcur-
rent or overvoltage condition), the system needs to
be reset via the Remote input. The C2 capacitor de-
termines two different timings to the Fault output :
C2=100nF => Trem1(ON to OFF)=8ms
C2=100nF => Trem2(OFF to ON)=24ms
R5 is a pull down resistor on the remote pin of
TSM111. Note that an integrated pull up resistor of
100k
Ω is to be taken into account in the choice of
R5, knowing that the threshold voltage of the input
comparator is 1.4V. Therefore, R5 should be lower
than 38.8k
Ω.
R5 = 1k
Ω is a good value.
The evaluation board integrates the possibility to
make theRemote signaleither manual, or electronic
thanks to the ORing diodes D5 and D6 (and the pull
down resistor R5), and the Push Button (SW1).
These diodes can of course be replaced by straps
according to the evaluation requirements (manual
or electronic).
The Tpor delay time allows the PG output (Power
Good) to rise to high level when the 5V power line
internal supervision circuitry has stayed above the
undervoltage 4.3V threshold for more than Tpor
time following the approximated equation 6 :
C3 x Vth = Ic x Tpor
eq6
where Vth is 2V and Ic is 20
µA.
C3=2.2
µF => Tpor=300ms
When the 5V power line passes under the 4.3V un-
dervoltage threshold, the Power Good signal (PG)
falls immediately to low level.
The Power Good output can also be triggered by the
Vdet input of the board. This input should be con-
nected to a power line representative of the AC
mains power situation. As an example, an additional
winding on the auxiliary power supply offer an early
warning of power down from the mains power point
of view. The UV threshold is internally fixed to
Vdet=1.26V. Therefore, it is necessary to add a
zener diode D1.
D1=15Vzener => Vdet=16.26V
Note that a 20k
Ω serial pull down resistor is inte-
grated. Therefore, only a low power zener is
needed.
The Fault output needs a pull up resistor R6.
The Power Good output needs a pull up resistor
R11. Both signals are pulled up to the 5Vstandby
power supply which can be generated from the
evaluation board thanks to a 78L05 5V regulator.
This regulator needs a C6 bypass capacitor. The C7
bypass capacitor smoothens the VCC pin of
TSM111.
The Adj (Adjust) pin shouldbe connectedto ground.
Adjust allows to tune a new overvoltage protection
value (ex 2.7V instead of 3.3V).
Example of component lists
Table 1 gives an example of component list
Name
Type
Value
Comment
U1
IC
TSM111
DIP20
U2
IC
78L05
TO92
R1
R 1/4W
R 1/2W
R1W
10m
Ω
5m
Ω
2.5m
Ω
5A
10A
20A
R2
R 1/4W
R 1/2W
R1W
10m
Ω
5m
Ω
2.5m
Ω
5A
10A
20A
R3
R 1/4W
R 1/2W
R1W
65m
Ω
13m
Ω
6.5m
Ω
1A
5A
10A
R4
R 1/4W
33k
Ω
R5
R 1/4W
1k
Ω
R6
R 1/4W
47k
Ω
R7
R 1/4W
depends on opto used
R8
R 1/4W
10k
Ω comp. network to
be fine tuned
R9
R 1/4W
depends on opto used
R10
R 1/4W
10k
Ω comp. network to
be fine tuned
R11
R 1/4W
47k
Ω
D1
Z 1/4W
15V
D5
D 1/4W
1N4148
D6
D 1/4W
1N4148
C1
C Electro
4.7
µF
C2
C Plastic
100nF
C3
C Electro
2.2
µF
C4
C Plastic
10NF comp. network to
be fine tuned
C5
C Plastic
10NF comp. network to
be fine tuned
C6
C Plastic
100nF
C7
C Electro
10
µF
Figures 2a and 2b show the copper and silkscreen
sides of the Evaluation board PCB.
Note that it is not a 1/1 scale.
TSM111
15/18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com