Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSM111 Datasheet(PDF) 11 Page - STMicroelectronics

Part # TSM111
Description  TRIPLE VOLTAGE AND CURRENT SUPERVISOR
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSM111 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button TSM111 Datasheet HTML 7Page - STMicroelectronics TSM111 Datasheet HTML 8Page - STMicroelectronics TSM111 Datasheet HTML 9Page - STMicroelectronics TSM111 Datasheet HTML 10Page - STMicroelectronics TSM111 Datasheet HTML 11Page - STMicroelectronics TSM111 Datasheet HTML 12Page - STMicroelectronics TSM111 Datasheet HTML 13Page - STMicroelectronics TSM111 Datasheet HTML 14Page - STMicroelectronics TSM111 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
No
Part Number
Qt
Manufacturers
Remarks/Descirptions
ICs
1
L5991A
1
ST
Advanced PWM Controller
2
VIPer20DIP
1
ST
Aux controller PWM+Mos
3
TSM111
1
ST
Triple Voltage and Current Supervisor
4
LM7912CV
1
ST
-12V Post Regulator
5
TL431
1
ST
Programmable Voltage Reference
MOSFETs
6
STP6NB80
1
ST
TO220 6A, 800V Mos
7
STP3020L
1
ST
TO220 22mohm 30V Mos
Rectifiers
8
BYV10-40
1
ST
1A, 40V or BYV10-60 or BYW100-200
9
BYW100-200
3
ST
1A, 100V or 200V, BYW100-100
10
STPS20L40CT
1
ST
2x10A, 40V or STPS2045CT or
STPS30L40CT
11
STSPS10L40CT
1
ST
2x5A, 40V
12
KAL04
1
-
3Amp 400VAC Bridge Rectifier or higher
13
1N4148
1
-
Transformers / Inductors
12
HM00-98150
1
BI Tech.**
Aux Transformer
13
HM00-98151
1
BI Tech.
Main Transformer
14
HM00-98148
1
BI Tech.
Coupled inductors
15
HM50-150K
1
BI Tech.
15uH inductors - output filter
16
HM11-51502
1
BI Tech.
2.2uH Inductors - output filter
17
HM28-32022
1
BI Tech.
Common Mode choke - AC input filter
18
10uH
1
-
10uH inductors - output filter
Connectors
19
AC input conn
1
-
20
20-pin conn:
39-01-2200
1
Molex
20pin output connector with terminals
Molex 39-00-0038
21
Fann connector
1
-
22
Fuse 3.5A
1
-
23
NTC
1
Siemens
2.2 ohm
24
TLP621 Optocoupler
3
Toshiba
100% transfer ratio
25
AC switch
1
-
26
115V-230V selector
1
-
BILL OF MATERIAL
The following are the bill of material for the 90W SMPS :
TSM111
11/18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com