Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSM111 Datasheet(PDF) 10 Page - STMicroelectronics

Part # TSM111
Description  TRIPLE VOLTAGE AND CURRENT SUPERVISOR
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSM111 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button TSM111 Datasheet HTML 6Page - STMicroelectronics TSM111 Datasheet HTML 7Page - STMicroelectronics TSM111 Datasheet HTML 8Page - STMicroelectronics TSM111 Datasheet HTML 9Page - STMicroelectronics TSM111 Datasheet HTML 10Page - STMicroelectronics TSM111 Datasheet HTML 11Page - STMicroelectronics TSM111 Datasheet HTML 12Page - STMicroelectronics TSM111 Datasheet HTML 13Page - STMicroelectronics TSM111 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
f) Two internal high precision TL431 shunt regula-
tors are built-in. It provides stable referencevoltages
with a voltage precision of 1.6%.
SUPERVISORY CIRCUIT OPERATION
The system power ON/OFF logic is generated by
the PC, which is ”Low” in system ”On” condition and
”High” when the system is ”Off”. This is connected
to remote pin 7.
The IC’s internal logic circuit generatesa control sig-
nal on pin 6. In normal operation, when there is no
over voltage or over current at the three inputs, the
voltage on pin 6 follows the Remote pin 7 voltage,
i.e. if the remote pin 7 is low the pin 6 is also low or
vice versa.
When fault is detected on the inputs, control pin 6
goes ”High”. This control pin 6 output can be used
to turn off the Mains Power Supply during fault con-
dition. An optocoupler is connected directly, with
cathode connected to the IC pin 6 and anode to
5V (from STDBY supply).
In normal operation the voltage on pin 6 is (opto
cathode) is around 3.7 V. On the primary side the
opto transistor collector is pulled through a resistor
to Vref.
It is required to invert the signal before connecting
to the feedback compensation pin 6 of L5991A for
reverse logic. i.e during normal operation the com-
pensation pin is not affected and during fault condi-
tion the pin is pulled Low. Slight delay (R34,C32) is
introduced on the primary side to avoid fault turn on
condition.
Note : Once the fault conditi on is removed, it is required to
reset the Remote pin to make the system functi on again.
TSM111
10/18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com