Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCP70-5-R Datasheet(PDF) 1 Page - Cooper Bussmann, Inc.

Part # TCP70-5-R
Description  70Vdc Telecom fuses
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

TCP70-5-R Datasheet(HTML) 1 Page - Cooper Bussmann, Inc.

  TCP70-5-R Datasheet HTML 1Page - Cooper Bussmann, Inc. TCP70-5-R Datasheet HTML 2Page - Cooper Bussmann, Inc. TCP70-5-R Datasheet HTML 3Page - Cooper Bussmann, Inc. TCP70-5-R Datasheet HTML 4Page - Cooper Bussmann, Inc. TCP70-5-R Datasheet HTML 5Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Product description
Designed to UL 248 and UL 248-14, the
Bussmann TCP70 Series of
telecommunication fuses withstand the
wide variations in application environments
while delivering reliable circuit protection.
The fuses have breaking characteristics
similar to a circuit breaker while providing a
much more economical solution.
Halogen free, lead free, RoHS compliant
Special design telecom circuit protection
devices
High inrush current withstanding
capability reduces nuisance openings
Fuseclip assembly method
Rugged ceramic construction
Excellent environmental integrity
One time positive disconnect
Agency information
cURus Recognized Guide JDXY2, JDXY8,
File E19180
Part number system/ordering
BK1/
TCP70-
5
-R
BK1/ = 1000 fuses packed in a cardboard carton
TCP70- = Fuse series
5 = Amp rating
-R = RoHS compliant
Applications
Telecommunication DC voltage circuits
Bussmann TCP70 Series
70Vdc Telecom fuses
Technical Data 10250
Effective June 2014
Bussmann is now
part of Eaton
Same great
products plus
even more.
The Bussmann brand of
circuit protection products
(formerly of the
Bussmann Division of
Cooper Industries) is now
part of Eaton’s Electrical
Group, Electronics
Division.
HALOGEN
HF
FREE
Pb


Similar Part No. - TCP70-5-R

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
TCP70-5-R EATON-TCP70-5-R Datasheet
646Kb / 5P
70 Vdc Telecom fuses
More results

Similar Description - TCP70-5-R

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
MFRX250 BOURNS-MFRX250 Datasheet
329Kb / 5P
Telecom PTC Resettable Fuses
MF-SM013 BOURNS-MF-SM013 Datasheet
203Kb / 4P
Telecom PTC Resettable Fuses
MF-R600 BOURNS-MF-R600 Datasheet
209Kb / 4P
Telecom PTC Resettable Fuses
MF-RX012 BOURNS-MF-RX012_07 Datasheet
337Kb / 5P
Telecom PTC Resettable Fuses
CMF-RQ50 BOURNS-CMF-RQ50 Datasheet
362Kb / 2P
Telecom CPTC Resettable Fuses
CMF-SD10 BOURNS-CMF-SD10 Datasheet
246Kb / 3P
Telecom CPTC Resettable Fuses
MF-RX250 BOURNS-MF-RX250_11 Datasheet
283Kb / 5P
Telecom PTC Resettable Fuses
MF-SD013 BOURNS-MF-SD013_12 Datasheet
340Kb / 3P
Telecom PTC Resettable Fuses
MF-SM013-250V BOURNS-MF-SM013-250V Datasheet
244Kb / 4P
Telecom PTC Resettable Fuses
MF-R015-600 BOURNS-MF-R015-600 Datasheet
479Kb / 4P
Telecom PTC Resettable Fuses
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com