Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCP70-5-R Datasheet(PDF) 2 Page - Cooper Bussmann, Inc.

Part # TCP70-5-R
Description  70Vdc Telecom fuses
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

TCP70-5-R Datasheet(HTML) 2 Page - Cooper Bussmann, Inc.

  TCP70-5-R Datasheet HTML 1Page - Cooper Bussmann, Inc. TCP70-5-R Datasheet HTML 2Page - Cooper Bussmann, Inc. TCP70-5-R Datasheet HTML 3Page - Cooper Bussmann, Inc. TCP70-5-R Datasheet HTML 4Page - Cooper Bussmann, Inc. TCP70-5-R Datasheet HTML 5Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.eaton.com/elx
2
Technical Data 10250
Effective June 2014
TCP70 Series
70VdcTelecom fuses
Product specifications
Dimensions - mm
25.2 ± 0.3
5.6 ± 0.3
6.3
+0.2
- 0.0
Part Number
Voltage
Rating
(Vdc)
Current
Rating
(Amps)
Interrupting
Rating
(Amps)1
Typical Cold
Resistance
(mΩ)2
Typical
Voltage Drop
(mV)
Typical
Pre-Arcing I2t
(A2s)3
Fuse Marking
Color
(text)
TCP70-5-R
70
5
2500
34.5
235
50
Red
TCP70-6-R
70
6
2500
20.1
165
48
Purple
TCP70-10-R
70
10
2500
10.5
148
165
Green
TCP70-15-R
70
15
2500
6.3
138
460
Blue
TCP70-30-R
70
30
2500
2.05
84
4400
Black
Electrical characteristics
% of Amp Rating
Opening Time
100%
4 hours minimum
150%
<60 min
200%
<2 min
Environmental Data
Operating temperature range: -55°C to +125°C (see derating curve)
Altitude: <2000m above sea level
Humidity: 90% at 20°C, 50% at 40°C non-condensing
Reliability
Thermal shock test — MIL-STD-202G Method 107G air-to-air, 100 cycles
Temperature cycling — JESD22 Method A104, Condition B, 100 cycles
Mechanical shock test — MIL-STD-002 Method 213B, 50g
Mechanical vibration test — MIL-STD-202, Method 204D, condition D, 20g, 10-500Hz.
Packaging
1000 fuses packed into a cardboard carton. Order with part number prefix BK1/. E.g., BK1/TCP70-5-R
Recommended PCB fuseclips
1Axxxx Series for 6.3mm (1/4”) fuses - see data sheet # 2131.
1. DC Interrupting Rating (Measured at rated voltage, time constant of less than 50 microseconds, battery source).
2. DC Cold Resistance are measured at <10% of rated current in ambient temperature of 20°C.
3. Typical Pre-arcing I2t (A2s) are measured at 10I
n and rated current.
Construction
Not to scale
1. Tin-plated copper cap
2. Ceramic tube
3. Fuse element wire
4. Filler
5. Eyelet
3
5
4
2
1



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com