Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICRF230 Datasheet(PDF) 13 Page - Micrel Semiconductor

Part # MICRF230
Description  400MHz to 450MHz ASK/OOK Receiver with RSSI and Squelch
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF230 Datasheet(HTML) 13 Page - Micrel Semiconductor

Back Button MICRF230 Datasheet HTML 9Page - Micrel Semiconductor MICRF230 Datasheet HTML 10Page - Micrel Semiconductor MICRF230 Datasheet HTML 11Page - Micrel Semiconductor MICRF230 Datasheet HTML 12Page - Micrel Semiconductor MICRF230 Datasheet HTML 13Page - Micrel Semiconductor MICRF230 Datasheet HTML 14Page - Micrel Semiconductor MICRF230 Datasheet HTML 15Page - Micrel Semiconductor MICRF230 Datasheet HTML 16Page - Micrel Semiconductor MICRF230 Datasheet HTML 17Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
Micrel, Inc.
MICRF230
configuration with MOS transconductor. Though the
MICRF230 has built-in load capacitors for the crystal
oscillator, the external load capacitors are still required
for tuning it to the right frequency. RO1 and RO2 are
external pins of the MICRF230 to connect the crystal to
the reference oscillator.
Figure 6. Reference Oscillator Circuit
Table 3. Reference Frequency Examples
RF Input Frequency (MHz)
Reference Frequency (MHz)
418.0
13.02708
433.92
13.52313
(9)
Note:
9.
Empirically derived, slightly different from Equation 3.
Squelch Operation
Squelch operation can be used to limit the amount of
activity on the DO pin during normal operation, which is
particularly useful when interrupt generated on DO can
interfere with correct operation.
Table 4. Squelch Control
SQ Pin
Squelch Enable
0
Squelch Circuit Enabled
1
Squelch Circuit Disabled (default)
The external pin defaults high via an internal pull-up.
April 15, 2015
13
Revision 2.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com