Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICRF230 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MICRF230
Description  400MHz to 450MHz ASK/OOK Receiver with RSSI and Squelch
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF230 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MICRF230 Datasheet HTML 1Page - Micrel Semiconductor MICRF230 Datasheet HTML 2Page - Micrel Semiconductor MICRF230 Datasheet HTML 3Page - Micrel Semiconductor MICRF230 Datasheet HTML 4Page - Micrel Semiconductor MICRF230 Datasheet HTML 5Page - Micrel Semiconductor MICRF230 Datasheet HTML 6Page - Micrel Semiconductor MICRF230 Datasheet HTML 7Page - Micrel Semiconductor MICRF230 Datasheet HTML 8Page - Micrel Semiconductor MICRF230 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
Micrel, Inc.
MICRF230
Ordering Information
Part Number
Top Marking
Junction
Temperature Range
Package
MICRF230YQS
MICRF230YQS
–40°C to +105°C
16-Pin 4.9mm × 6.0mm QSOP
Pin Configuration
16-Pin 4.9mm × 6.0mm QSOP (QS)
(Top View)
Pin Description
Pin
Number
Pin
Name
Type
Pin Function
1
RO1
Input
Reference resonator connection (to the Pierce oscillator). Can also be driven by external
reference signal of 200mVP-P to 1.5VP-P amplitude maximum. Internal capacitance of 7pF to
GND during normal operation.
2
RFGND
Supply
Ground connection for ANT RF input. Connect to PCB ground plane.
3
ANT
Input
Antenna input. RF signal input from antenna. Internally AC coupled. It is recommended to use
a matching network with an inductor to RF ground to improve ESD protection.
4
RFGND
Supply
Ground connection for ANT RF input. Connect to PCB ground plane.
5
CDEC
Supply
Internal supply decoupling access. Bypass to PCB ground plane with a 0.1µF ceramic
capacitor located as close to pin as possible. Maximum operating voltage is 3.6V.
6
SQ
Input
Squelch control logic-level input. An internal pull-
up (3μA typical) pulls the logic-input HIGH
when the device is enabled. A logic LOW on SQ squelches, or reduces, the random activity
on DO pin when there is no RF input signal.
7
VDD
Supply
Positive supply connection (for all chip functions). Bypass with 1µF capacitor located as close
to the VDD pin as possible.
8
EN
Input
Enable control logic-level input. A logic-level HIGH enable the device. A logic-level LOW put
the device to shutdown mode. An internal pull-down (3µA typical) pulls the logic input LOW.
The device is designed to start up in shutdown state. The EN pin should be kept at logic low
(shutdown state) until after the supply voltage on VDD is stabilized. If the application is
designed to have the EN pin always pulled high, it is recommended to add a shunt capacitor of
0.47µF from the EN pin to ground.
9
GND
Supply
Ground connection for all chip functions except for RF input. Connect to PCB ground plane.
April 15, 2015
2
Revision 2.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com