Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICRF229 Datasheet(PDF) 13 Page - Micrel Semiconductor

Part # MICRF229
Description  400MHz to 450MHz ASK/OOK Receiver with Auto-Poll and RSSI
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF229 Datasheet(HTML) 13 Page - Micrel Semiconductor

Back Button MICRF229 Datasheet HTML 9Page - Micrel Semiconductor MICRF229 Datasheet HTML 10Page - Micrel Semiconductor MICRF229 Datasheet HTML 11Page - Micrel Semiconductor MICRF229 Datasheet HTML 12Page - Micrel Semiconductor MICRF229 Datasheet HTML 13Page - Micrel Semiconductor MICRF229 Datasheet HTML 14Page - Micrel Semiconductor MICRF229 Datasheet HTML 15Page - Micrel Semiconductor MICRF229 Datasheet HTML 16Page - Micrel Semiconductor MICRF229 Datasheet HTML 17Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
Micrel, Inc.
MICRF229
April 15, 2015
13
Revision 1.0
Figure 4 shows the behavior with a larger capacitor on
AGC pin (2.2
μF), D[4:3] = 01. In this case, V
AGC does not
undershoot (RSSI does not overshoot), and TTGD is
relatively short at 1ms.
Figure 4. Proper TTGD (1ms) with Sufficient AGC
Reference Oscillator
The reference oscillator in the MICRF229 (Figure 5) uses
a basic Pierce crystal oscillator configuration with MOS
transconductor. Though the MICRF229 has built-in load
capacitors for the crystal oscillator, the external load
capacitors are still required for tuning it to the right
frequency. RO1 and RO2 are external pins of the
MICRF229 to connect the crystal to the reference
oscillator.
Figure 5. Reference Oscillator Circuit
Table 5. Reference Frequency Examples
RF Input Frequency (MHz)
Reference Frequency (MHz)
418.0
13.02708
433.92
13.52313
(9)
Note:
9.
Empirically derived, slightly different from Equation 3.
Auto-Polling
The MICRF229 can be programmed into an auto-polling
mode by setting register bit D[15] to 1, where it monitors
if there is a valid incoming RF signal while holding DO
low. In this mode, the chip goes between sleep state and
polling state. In sleep state, only a low power sleep clock
is on, resulting in very low current consumption of 15
μA
typical. The sleep time is programmable from 10ms to
1.28s. In a polling state, every block in the MICRF229 is
on, and the chip looks for valid signal with bit durations
greater than a user-programmed value. This operation is
subsequently called “bit checking” in this datasheet.
A
“valid bit” is a mark or space with duration that is longer
than the bit check window. A “bad bit” is a mark or space
with duration that is shorter than the bit check window.
The user can set different bit check window time to suit a
particular signal by programming register bits D[11:9] as
listed in the register programming section. The number
of consecutive valid bits before releasing DO and exiting
polling mode can also be set by register bits D[8:7].
Figure 6. One Bad Bit Followed by Two Valid Bits
During the bit checking operation, DO is held low while
the bit checker examines the pulse widths at the node
labeled DO in Functional Diagram. If there is no signal
present and DO’ randomly chatters, the MICRF229
returns to sleep after seeing four consecutive bad bits.
Note that since DO randomly chatters with no signal
present, the amount of time it takes for 4 consecutive bad
bits to happen is random.
Therefore, the duration of
polling time is random without signal.
If enough consecutive valid bits are found, DO is
released and the MICRF229 stays on in the continuous
receive mode.
Once the chip is in continuous receive
mode, it will not go back to sleep automatically when RF
signal
is
removed.
The
register
bits
must
be
reprogrammed again to put the MICRF229 back into
auto-polling mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com