Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICRF229 Datasheet(PDF) 15 Page - Micrel Semiconductor

Part # MICRF229
Description  400MHz to 450MHz ASK/OOK Receiver with Auto-Poll and RSSI
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF229 Datasheet(HTML) 15 Page - Micrel Semiconductor

Back Button MICRF229 Datasheet HTML 11Page - Micrel Semiconductor MICRF229 Datasheet HTML 12Page - Micrel Semiconductor MICRF229 Datasheet HTML 13Page - Micrel Semiconductor MICRF229 Datasheet HTML 14Page - Micrel Semiconductor MICRF229 Datasheet HTML 15Page - Micrel Semiconductor MICRF229 Datasheet HTML 16Page - Micrel Semiconductor MICRF229 Datasheet HTML 17Page - Micrel Semiconductor MICRF229 Datasheet HTML 18Page - Micrel Semiconductor MICRF229 Datasheet HTML 19Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 23 page
background image
Micrel, Inc.
MICRF229
April 15, 2015
15
Revision 1.0
Bits are serially programmed starting with the most
significant bit (MSB = D19) if all bits are being
programmed until the least significant bit (LSB = D0). For
instance, if only the bits D0, D1, and D2 are being
programmed, then these are the only bits that need to be
programmed with the start sequence, D2, D1, D0, plus
the stop sequence. Or, if only the bit D17 is needed, then
the sequence must be from start sequence, D17 through
D0 plus the stop sequence, making sure the other bits
(besides
D17)
are
programmed
as
needed.
It
is
recommended that all parallel input pins (SEL0 and
SEL1) be kept high when using the serial interface.
After the programming bits are finished, a stop sequence
(as shown in Figure 8) is required to end the mode and
re-establish the DO pin as an output again. To do so, the
SCLK pin is kept high while the DO pin changes from low
to high, then low again, followed by the SCLK pin made
low. Timing of the programming bits are not critical, but
should be kept as shown below:
• T1 < 0.1µs, Time from SCLK to convert DO to input pin
• T6 > 0.1µs, SCLK high time
• T7 > 0.1µs, SCLK low time
• T2, T3, T4, T5, T8, T9, T10 > 0.1µs
Figure 8. Serial Interface Stop Sequence
Serial Interface Register Loading Examples
Channel 1 is the DO pin and Channel 2 is the SCLK pin.
Figure 9. All Bits D19 through D0 = 0
Figure 10. All Bits D19 through D0 = 1
Figure 11. D[19;18] = 11, D[17:0] = All 0s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com