Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICRF507 Datasheet(PDF) 9 Page - Micrel Semiconductor

Part # MICRF507
Description  470MHz to 510MHz Low-Power FSK Transceiver with 10dBm Power Amplifier
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF507 Datasheet(HTML) 9 Page - Micrel Semiconductor

Back Button MICRF507 Datasheet HTML 5Page - Micrel Semiconductor MICRF507 Datasheet HTML 6Page - Micrel Semiconductor MICRF507 Datasheet HTML 7Page - Micrel Semiconductor MICRF507 Datasheet HTML 8Page - Micrel Semiconductor MICRF507 Datasheet HTML 9Page - Micrel Semiconductor MICRF507 Datasheet HTML 10Page - Micrel Semiconductor MICRF507 Datasheet HTML 11Page - Micrel Semiconductor MICRF507 Datasheet HTML 12Page - Micrel Semiconductor MICRF507 Datasheet HTML 13Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 47 page
background image
Micrel, Inc.
MICRF507
October 2, 2013
9
Revision 2.2
Electrical Characteristics
(4) (Continued)
fRF = 490MHz, fXTAL = 16MHz, MICRF507 Development Board, Modulation type = closed-loop VCO modulation, Sync_en bit = 1,
VDD = 2.5V; TA = 25°C, the term “bit rate” refers to encoded bit rate throughout the EC table (see Figure 24), bold values indicate
–40°C< TA < +85°C, unless noted.
Symbol
Parameter
Condition
Min.
Typ.
Max.
Units
Adjacent Channel Rejection, both
interferer and desired signal are
modulated at 19.2 kbps encoded
bit rate,
β = 6, PF_FC[1:0] = 01,
fCUT = 133kHz, BER = 10
-3
±500kHz spacing
53
dB
±1MHz spacing
58
dB
CW Blocking above desired
signal, desired signal is modulated
at 19.2kbps,
β = 6, 3dB above
sensitivity, PF_FC[1:0] = 01,
fCUT = 133kHz, BER = 10
-3
±1MHz
59
dB
±2MHz
60
dB
±5MHz
47
dB
±10MHz
60
dB
P1dB
1dB Compression
-34
dBm
Input IP3
2 tones with 1MHz separation
-25
dBm
LO Leakage
-90
dBm
Spurious Emission
(5)
<1GHz
-57
dBm
>1GHz
-47
dBm
Input Impedance with no matching
components
33+7j
Ω
RSSI Dynamic Range
50
dB
RSSI Output Range
PIN = -110dBm
0.9
V
PIN = -60dBm
2
V
Digital Inputs/Outputs
VIH
Logic Input High
0.7*VDD
VDD
V
VIL
Logic Input Low
0
0.3*VDD
V
Clock/Data Frequency
(5)
10
MHz
Clock/Data Duty Cycle
(5)
45
55
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com