Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICRF507 Datasheet(PDF) 32 Page - Micrel Semiconductor

Part # MICRF507
Description  470MHz to 510MHz Low-Power FSK Transceiver with 10dBm Power Amplifier
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF507 Datasheet(HTML) 32 Page - Micrel Semiconductor

Back Button MICRF507 Datasheet HTML 28Page - Micrel Semiconductor MICRF507 Datasheet HTML 29Page - Micrel Semiconductor MICRF507 Datasheet HTML 30Page - Micrel Semiconductor MICRF507 Datasheet HTML 31Page - Micrel Semiconductor MICRF507 Datasheet HTML 32Page - Micrel Semiconductor MICRF507 Datasheet HTML 33Page - Micrel Semiconductor MICRF507 Datasheet HTML 34Page - Micrel Semiconductor MICRF507 Datasheet HTML 35Page - Micrel Semiconductor MICRF507 Datasheet HTML 36Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 47 page
background image
Micrel, Inc.
MICRF507
October 2, 2013
32
Revision 2.2
Figure 22 shows two waveforms with different attenuator
setting:
Mod_Ab
Mod_Aa <
. If Mod_A is increased, the
frequency deviation is lowered and vice versa.
The
resulting
frequency
deviation
in
terms
of
the
parameters discussed above is given in the following
equations:
Mod_clkS)
(7
XCO
MOD_CLK
2
Refclk_K
f
f
−
×
=
(
)
RF
2
1
MOD_CLK
DEV
f
C
C
Mod_A
1
f
Mod_I
f
×
+
×
+
×
=
1
where:
fDEV:
Single sided frequency deviation [Hz]
fXCO:
Crystal oscillator frequency [Hz]
fRF:
Center frequency [Hz]
Refclk_K:
6 bit divider, values between 1 and 63
Mod_clkS:
Modulator
clock
setting,
values
between 0 and 7
fMOD_CLK:
Modulator clock frequency, derived
from the crystal frequency, Refclk_K
and Mod_clkS
Mod_I:
Modulator
current
setting,
values
between 0 and 31
Mod_A:
Modulator attenuator setting, values
between 0 and 15
C1:
-2.72 x 10
10
C2:
85.2
Note that the constants C1 and C2 are empirically derived.
Actual frequency deviation may differ by a few percent.
Modulator Filter
To
reduce
the
high-frequency
components
in
the
generated waveform, a filter with programmable cut-off
frequency can be enabled. This is done using Mod_F[2:0],
bit 0 being LSB. The Mod_F field should be set according
to the formula:
b
3
r
bps
150x10
Mod_F =
Figure 23. Modulator Waveform with and without Filtering
in which rb is the bit rate in bits/sec. Mod_F=0 disables the
modulator filter and Mod_F=7 provides the most filtering.
Figure 23 shows a waveform with and without the filter.
The modulator filter will not influence the frequency
deviation as long as the programmed cut-off frequency is
above the actual bit rate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com