Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICRF112 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MICRF112
Description  300MHz to 450MHz, 10dBm, 1.8V to 3.6V, ASK/FSK Transmitter with Shutdown
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF112 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MICRF112_13 Datasheet HTML 1Page - Micrel Semiconductor MICRF112_13 Datasheet HTML 2Page - Micrel Semiconductor MICRF112_13 Datasheet HTML 3Page - Micrel Semiconductor MICRF112_13 Datasheet HTML 4Page - Micrel Semiconductor MICRF112_13 Datasheet HTML 5Page - Micrel Semiconductor MICRF112_13 Datasheet HTML 6Page - Micrel Semiconductor MICRF112_13 Datasheet HTML 7Page - Micrel Semiconductor MICRF112_13 Datasheet HTML 8Page - Micrel Semiconductor MICRF112_13 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
Micrel, Inc.
MICRF112
February 2013
2
M9999-020713
Ordering Information
Pin Configuration
10-Pin Ultra-Thin DFN (MU)
(2mm x 2mm x 0.4mm)
Top View
10-Pin MSOP (MM)
Top View
Note: The Pin1 marking symbol could be a circle, triangle, or other symbol.
Pin Description
Pin Number
Pin Name
Pin Function
1
ASK
ASK Data input
2
XTLIN
Reference oscillator input connection
3
XTLOUT
Reference oscillator output connection
4
VSS
Ground
5
XTAL_MOD
Reference oscillation modulation port for FSK operation
6
FSK
FSK Data input
7
EN
Chip enable, active high
8
VSSPA
PA ground
9
PAOUT
PA output
10
VDD
Positive power supply
Part Number
Top Mark
Temp. Range
Package
MICRF112YMM
RF112YMM
–40°C to +125°C
10-Pin MSOP
MICRF112YMU
12B
–40°C to +125°C
10-Pin UTDFN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com