Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICRF112 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MICRF112
Description  300MHz to 450MHz, 10dBm, 1.8V to 3.6V, ASK/FSK Transmitter with Shutdown
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF112 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MICRF112_13 Datasheet HTML 1Page - Micrel Semiconductor MICRF112_13 Datasheet HTML 2Page - Micrel Semiconductor MICRF112_13 Datasheet HTML 3Page - Micrel Semiconductor MICRF112_13 Datasheet HTML 4Page - Micrel Semiconductor MICRF112_13 Datasheet HTML 5Page - Micrel Semiconductor MICRF112_13 Datasheet HTML 6Page - Micrel Semiconductor MICRF112_13 Datasheet HTML 7Page - Micrel Semiconductor MICRF112_13 Datasheet HTML 8Page - Micrel Semiconductor MICRF112_13 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
Micrel, Inc.
MICRF112
February 2013
3
M9999-020713
Absolute Maximum Ratings
(1)
Supply Voltage (VDD) .................................................+4.3V
Voltage on PAOUT......................................................+7.2V
Voltage on I/O Pins ........................ VSS – 0.3 to VDD + 0.3
Lead Temperature (soldering, 10s).......................... +300°C
Storage Temperature (TS)......................... −65°C to +150°C
ESD Rating.................................................................Note 3
Operating Ratings
(2)
Supply Voltage (VDD) ...................................... 1.8V to 3.6V
Ambient Operating Temperature (TA) ........-40°C to +125°C
Transmitter Frequency Range ............. 300MHz to 450MHz
Electrical Characteristics
(4)
S
pecifications apply for VDD = 3.0V, TA = 25°C, FreqREFOSC = 13.560MHz, EN = VDD. 1Kbps data rate, 50% duty cycle. RL 50Ω load
(matched)
Parameter
Condition
Min.
Typ.
Max.
Units
Power Supply
Standby Supply Current, Iq
EN = VSS
0.05
1
µA
Mark Supply Current ION
@ 315MHz, POUT = +10dBm
11.5
mA
@ 433.92MHz, POUT = +10dBm
11.6
mA
SPACE Supply Current, IOFF
@ 315MHz
2.4
mA
@ 433.92MHz
2.7
mA
RF Output Section and Modulation Limits:
Output Power Level, POUT
FSK or ASK "Mark"
@ 315MHz
(4)
10
dBm
@ 433.92MHz
(4)
10
dBm
Harmonics output for
315MHz
@ 630MHz
(4) 2nd harm.
−53
dBc
@ 945MHz
(4) 3rd harm.
−53
dBc
Harmonics Output for
433.92MHz
@ 867.84MHz
(4) 2nd harm.
−51
dBc
@ 1301.76MHz
(4) 3rd harm.
−65
dBc
Extinction Ratio for ASK
80
dBc
FSK Modulation
Frequency Deviation
Load capacitor = 10pF, crystal type = HC49/U
22
kHz
Data Rate
10
Kbps
ASK Modulation
Data Rate
50
Kbps
Occupied Bandwidth
@ 315MHz
(5)
<700
kHz
@ 433.92MHz
(5)
<1000
kHz
VCO Section
315MHz Single Side Band
Phase Noise
@ 100kHz from Carrier
−76
dBc/Hz
@ 1000kHz from Carrier
−79
dBc/Hz
433.92MHz Single Side Band
Phase Noise
@ 100kHz from Carrier
−72
dBc/Hz
@ 1000kHz from Carrier
−81
dBc/Hz
Reference Oscillator Section
XTLIN, XTLOUT, XTLMOD
Pin capacitance
2
pF
External Capacitance
See Schematic C17 & C18
18
pF
Oscillator Start-Up Time
(6)
Crystal: HC49S
400
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com